Electronic Components Datasheet Search
  English  ▼

X  

LF2020 Datasheet(PDF) 1 Page - Sumida Corporation

Part # LF2020
Description  AC COMMON MODE CHOKES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

LF2020 Datasheet(HTML) 1 Page - Sumida Corporation

  LF2020 Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AC COMMON MODE CHOKES
9
M OUTLINE/概要
1. Common mode chokes for effective AC line noise prevention
1. ACラインノイズ防止に有効なコモンモードチョーク
3.5
17.0MAX.
14.0
9.5MAX.
LF1290
DIMENSIONS (mm)
外形寸法図
1. Small size and large inductance type
2. Exellent attenuation characteristics in low frequency
1. 小型で大インダクタンス
2. 低周波帯での減衰特性が優れる
M FEATURES/特徴
◆ APPLICATION/用途
1. Noise prevention for TV, VCR, AV, OA equipments
1. テレビ、ビデオ、AV、OA機器の発生ノイズ防止
100k
10k
1k
100
10k
100k
1M
10M
40M
FREQUENCY (Hz)
103
471
681
102
682
472
392
222
K Impedance Characteristics/インピーダンス特性
2
1
3
4
S
S
2
1
3
4
SS
Schematics
結線図
K Specifications/仕様
Type
Inductance Inductance
D.C.R.
Rated current
品名
インダクタンス
Balance
直流抵抗
定格電流
(1-2) (4-3)
インダクタンス
(1-2) (4-3)
(50/60Hz)
@1kHz
平衡度
@ 20°C
LF2020/LF2115-222
Min.2.2mH
Max.150µH
Max.240m
Ω
1.3Arms
LF2020/LF2115-392
Min.3.9mH
Max.150µH
Max.410m
Ω
1.0Arms
LF2020/LF2115-103
Min.10.0mH
Max.550µH
Max.1.00
Ω
600mArms
LF2020/LF2115-183
Min.18.0mH
Max.600µH
Max.1.63
Ω
500mArms
LF2020/LF2115-223
Min.22.0mH
Max.800µH
Max.2.04
Ω
400mArms
LF2020/LF2115-333
Min.33.0mH
Max.800µH
Max.3.42
Ω
300mArms
10.0
4.5
22.5MAX.
17.2MAX.
LF2020
DIMENSIONS (mm)
外形寸法図
1. Low profile type of LF2020
1. LF2020の低背品
M FEATURES/特徴(LF2115)
◆ APPLICATION/用途
1. Noise prevention for TV, VCR, AV, OA equipments
1. テレビ、ビデオ、AV、OA機器の発生ノイズ防止
100k
1M
10k
1k
100
10
1
10k
100k
1k
1M
10M
40M
FREQUENCY (Hz)
333
223
183
103
392
222
K Impedance Characteristics/インピーダンス特性
2
1
4
S
S
3
Schematics
結線図
13.0
3.5
17.0MAX.
22.0MAX.
LF2115
DIMENSIONS (mm)
外形寸法図
K Specifications/仕様
Type
Inductance Inductance
D.C.R.
Rated current
品名
インダクタンス
Balance
直流抵抗
定格電流
(1-2) (4-3)
インダクタンス
(1-2) (4-3)
(50/60Hz)
平衡度
@ 20°C
LF1290-471
Min.470µH
Max.50µH
Max.150m
Ω
1.10Arms
LF1290-681
Min.680µH
Max.50µH
Max.250m
Ω
850mArms
LF1290-102
Min.1.0mH
Max.150µH
Max.350m
Ω
650mArms
LF1290-222
Min.2.2mH
Max.150µH
Max.700m
Ω
450mArms
LF1290-392
Min.3.9mH
Max.200µH
Max.1.20
Ω
360mArms
LF1290-472
Min.4.7mH
Max.300µH
Max.1.60
Ω
340mArms
LF1290-682
Min.6.8mH
Max.400µH
Max.2.50
Ω
250mArms
LF1290-103
Min.10.0mH
Max.550µH
Max.4.00
Ω
200mArms
2
1
4
SS
3
or


Similar Part No. - LF2020

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
LF2020 SUMIDA-LF2020 Datasheet
144Kb / 1P
AC COMMON MODE COIL
LF2020 SUMIDA-LF2020 Datasheet
123Kb / 1P
AC Commom mode coil
LF2020B SUMIDA-LF2020B Datasheet
127Kb / 2P
AC COMMON MODE COIL
LF2020BNP-123 SUMIDA-LF2020BNP-123 Datasheet
127Kb / 2P
AC COMMON MODE COIL
LF2020BNP-132 SUMIDA-LF2020BNP-132 Datasheet
127Kb / 2P
AC COMMON MODE COIL
More results

Similar Description - LF2020

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
UU9LF SUMIDA-UU9LF Datasheet
224Kb / 1P
AC COMMON MODE CHOKES
UU9LFB SUMIDA-UU9LFB Datasheet
250Kb / 1P
AC COMMON MODE CHOKES
UU10LF SUMIDA-UU10LF Datasheet
141Kb / 1P
AC COMMON MODE CHOKES
UU16LFB SUMIDA-UU16LFB Datasheet
141Kb / 1P
AC COMMON MODE CHOKES
logo
Bi technologies
HM18 BITECH-HM18 Datasheet
103Kb / 3P
Common-Mode Chokes
logo
Sumida Corporation
PFC1816 SUMIDA-PFC1816 Datasheet
129Kb / 2P
AC Common Mode Chokes
logo
XFMRS Inc.
XF0013-CMC160 XFMRS-XF0013-CMC160_15 Datasheet
114Kb / 2P
COMMON MODE CHOKES
XF0036-3SM XFMRS-XF0036-3SM_15 Datasheet
40Kb / 1P
COMMON MODE CHOKES
XF0043D-CMC160 XFMRS-XF0043D-CMC160_15 Datasheet
95Kb / 2P
COMMON MODE CHOKES
XF0044-VPCMC2 XFMRS-XF0044-VPCMC2_15 Datasheet
37Kb / 1P
COMMON MODE CHOKES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com