Electronic Components Datasheet Search
  English  ▼

X  

DAC82002 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DAC82002
Description  DAC82002 16-Bit, Low-Glitch, Dual-Channel Voltage-Output, Unbuffered DAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC82002 Datasheet(HTML) 16 Page - Texas Instruments

Back Button DAC82002 Datasheet HTML 12Page - Texas Instruments DAC82002 Datasheet HTML 13Page - Texas Instruments DAC82002 Datasheet HTML 14Page - Texas Instruments DAC82002 Datasheet HTML 15Page - Texas Instruments DAC82002 Datasheet HTML 16Page - Texas Instruments DAC82002 Datasheet HTML 17Page - Texas Instruments DAC82002 Datasheet HTML 18Page - Texas Instruments DAC82002 Datasheet HTML 19Page - Texas Instruments DAC82002 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
7.6 Register Maps
7.6.1 Registers
Table 7-2. DAC82002 Registers
Offset
Register Description
Section
0h
No Operation
NOOP Register
2h
Synchronization
SYNC Register
5h
Trigger
TRIGGER Register
6h
Broadcast
BRDCAST Register
8h
DAC-A
DAC-A Register
9h
DAC-B
DAC-B Register
7.6.1.1 NOOP Register (offset = 0h) [reset = 0000h]
Figure 7-4. NOOP Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
NOOP
W-0h
Table 7-3. NOOP Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
NOOP
W
0h
No operation command
DAC82002
SBASAK1A – AUGUST 2022 – REVISED DECEMBER 2022
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DAC82002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com