Electronic Components Datasheet Search
  English  ▼

X  

LP2985 Datasheet(PDF) 14 Page - Texas Instruments

Part # LP2985
Description  LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP2985_V01 Datasheet HTML 10Page - Texas Instruments LP2985_V01 Datasheet HTML 11Page - Texas Instruments LP2985_V01 Datasheet HTML 12Page - Texas Instruments LP2985_V01 Datasheet HTML 13Page - Texas Instruments LP2985_V01 Datasheet HTML 14Page - Texas Instruments LP2985_V01 Datasheet HTML 15Page - Texas Instruments LP2985_V01 Datasheet HTML 16Page - Texas Instruments LP2985_V01 Datasheet HTML 17Page - Texas Instruments LP2985_V01 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
6.6 Typical Characteristics (continued)
at operating temperature TJ = 25°C, VIN = VOUT(NOM) + 1.0 V or 2.5 V (whichever is greater), IOUT = 1 mA, ON/OFF pin tied to
VIN, CIN = 1.0 µF, and COUT = 4.7 µF (unless otherwise noted)
Frequency - (Hz)
1x101
1x102
1x103
1x104
1x105
1x106
1x107
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
ILOAD = 1mA
CBYP
100pF
1nF
10nF
Figure 6-31. Output Noise Density vs Frequency for New Chip
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0
1
2
3
4
5
6
Input Voltage − (V)
RL = Open
RL = 3.3 kW
VO = 3.3 V
Cbyp = 10 nF
Figure 6-32. Input Current vs Input Voltage for Legacy Chip
VIN
0
2
4
6
8
10
12
14
16
-200
0
200
400
600
800
1000
VO = 3.3 V
CO = 4.7uF
Temperature
-55 °C
-40 °C
0 °C
25 °C
85 °C
125 °C
150 °C
Figure 6-33. Input Current vs Input Voltage for New Chip
0
200
400
600
800
1000
1200
1400
−50
−25
0
25
50
75
100
125
150
0 mA
Temperature − (°C)
150 mA
50 mA
10 mA
1 mA
VO = 3.3 V
Cbyp = 10 nF
Figure 6-34. Ground-Pin Current vs Temperature for Legacy
Chip
Temperature
C
-75
-50
-25
0
25
50
75
100
125
150
0
200
400
600
800
1000
1200
1400
VI = 4.3 V
VO = 3.3 V
Load Current
0
1mA
10mA
50mA
150mA
Figure 6-35. Ground-Pin Current vs Temperature for New Chip
Figure 6-36. 2.2-μF Stable ESR Range for Output Voltage ≤ 2.3 V
for Legacy Chip
LP2985
SLVS522Q – JULY 2004 – REVISED DECEMBER 2022
www.ti.com
14
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LP2985



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com