Electronic Components Datasheet Search
  English  ▼

X  

LP2985-10DBVR Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # LP2985-10DBVR
Description  LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985-10DBVR Datasheet(HTML) 27 Page - Texas Instruments

Back Button LP2985-10DBVR Datasheet HTML 23Page - Texas Instruments LP2985-10DBVR Datasheet HTML 24Page - Texas Instruments LP2985-10DBVR Datasheet HTML 25Page - Texas Instruments LP2985-10DBVR Datasheet HTML 26Page - Texas Instruments LP2985-10DBVR Datasheet HTML 27Page - Texas Instruments LP2985-10DBVR Datasheet HTML 28Page - Texas Instruments LP2985-10DBVR Datasheet HTML 29Page - Texas Instruments LP2985-10DBVR Datasheet HTML 30Page - Texas Instruments LP2985-10DBVR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
−4
−3
−2
−1
0
1
2
3
4
0
2
4
6
8
10
VO
VON/OFF
2 ms/div→
VO = 3.3 V
Cbyp = 1 nF
ILOAD = 150 mA
COUT = 4.7 μF
Figure 8-21. Turn-On Time for Legacy Chip
2 ms/div
0
2
4
6
8
10
12
-4
0
-3
2
-2
4
-1
6
0
8
1
10
2
12
3
14
4
16
V0= 3.3 V
Cbyp = 1nF
ILOAD = 150mA
Vo
VON
COUT = 4.7 μF
Figure 8-22. Turn-On Time for New Chip
−4
−3
−2
−1
0
1
2
3
4
0
2
4
6
8
10
Input
Output
VO = 3.3 V
Cbyp = 10 nF
ILOAD = 150 mA
20 ms/div→
COUT = 4.7 μF
Figure 8-23. Turn-On Time
20ms/div
0
20
40
60
80
100
120
-4
0
-3
2
-2
4
-1
6
0
8
1
10
2
12
3
14
4
16
V0 = 3.3 V
Cbyp = 10 nF
ILOAD = 150 mA
VOUT
VON
COUT = 4.7 μF
Figure 8-24. Turn-On Time for New Chip
www.ti.com
LP2985
SLVS522Q – JULY 2004 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: LP2985



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com