Electronic Components Datasheet Search
  English  ▼

X  

GXOU113 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # GXOU113
Description  3.3V & 5V CMOS Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GXOU113 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  GXOU113 Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.84320
2.00000
3.68640
4.00000
5.00000
8.00000
10.00000
12.00000
14.31818
16.00000
18.43200
20.00000
24.00000
24.57600
25.00000
27.00000
29.49120
30.00000
32.00000
33.86880
36.86400
40.00000
44.23680
44.73600
48.00000
49.15200
50.00000
Tel:
+44 1460 256 100
Fax:
+44 1460 256 101
E-mail:
sales@golledge.com
Web:
www.golledge.com
01 Feb 2002
3.3V & 5V CMOS Oscillator
GXO-U113
ACTUAL SIZE
PAD
1
2
3
4
CONNECTION
Enable/Disable
Ground
Output
Supply
6.20
(max)
3.70
(max)
1.50
(max)
2.54
0.15
1.00
1.10
1.50
1.10
12
3
4
TOP VIEW
43
12
1.40
1.10
1.40
1.40
1.40
1.10
SOLDER PAD LAYOUT
Features
« Ceramic package with metal lid
« High drive capability - up to 50pF
« Enable / disable tristate function
« 3.3V option with power saving function
Option
Codes
SH
L
Variant
Parameters
Product name + variant + option codes (if any) + frequency
eg:
GXO-U113H 40.0MHz 5V,±100ppm -10+70°C
GXO-U113L/BI 40.0MHz 3.3V,±50ppm -40+85°C
Option code X (eg GXO-U113H/X) denotes a custom spec.
Ordering Information
Frequencies in MHz
Standard Frequencies
Standard.
Optional - Please specify required code(s) when ordering
Scale 3:1
Other frequencies available. Please consult our sales office.
Specifications
GXO-U113S: 5.0V supply, E/D, low supply current
GXO-U113H: 5.0V supply, E/D high drive
GXO-U113L: 3.3V supply, E/D with power saving
Available on T&R - 2k pcs per reel.
Refer to our website for T&R and soldering details.
Frequency range: 1.8 ~ 50.0MHz
Frequency stability:
±100ppm
±50ppm
B
±25ppm
A
Operating temperature range:
-10 to +70°C
-40 to +85°C
I
Storage temperature range:
-55 to +125°C
Supply voltage (VDD):
+5.0V (±10%)
+3.3V (±10%)
Supply current (mA max):
1.8 ~ 32.0MHz
25
27
12
>32.0 ~ 50.0MHz
35
45
17
Logic levels:
‘0’ level = 10%V
DD max
‘1’ level = 90%V
DD min
Start up time: 5ms max (<32MHz)
10ms max (>32MHz)
Waveform symmetry:
40:60 max @ 50%V
DD
Driving ability:
10 LSTTL
15pF HCMOS
10 TTL
50pF HCMOS
Rise / fall time:
10ns max
7ns max
Enable / disable function:
Tristate (control via pad 1)
100ns / 100ns max
10ms / 150ns max
Stand-by current (power-saving):
10µA
Open
‘1’ level
‘0’ level
Enabled
Enabled
High Impedance
Enable / Disable Function
Input (pad 1)
Output (pad 3)


Similar Part No. - GXOU113

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GXOU114 GOLLEDGE-GXOU114 Datasheet
58Kb / 1P
1.8V CMOS Oscillator
GXOU115 GOLLEDGE-GXOU115 Datasheet
59Kb / 1P
3.3V & 5V CMOS Oscillator
More results

Similar Description - GXOU113

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GXO7551 GOLLEDGE-GXO7551 Datasheet
93Kb / 2P
5V CMOS Oscillator
GXOU115 GOLLEDGE-GXOU115 Datasheet
59Kb / 1P
3.3V & 5V CMOS Oscillator
GXOU129 GOLLEDGE-GXOU129 Datasheet
63Kb / 1P
3.3V & 5V CMOS Oscillator Tight Stability
GXO-U108 GOLLEDGE-GXO-U108 Datasheet
60Kb / 1P
3.3V & 5V CMOS Oscillator
GXO-5351 GOLLEDGE-GXO-5351_16 Datasheet
142Kb / 1P
5V CMOS Oscillator
GXO-7551 GOLLEDGE-GXO-7551_16 Datasheet
188Kb / 2P
5V CMOS Oscillator
GXO-U108 GOLLEDGE-GXO-U108_16 Datasheet
178Kb / 2P
3.3V & 5V CMOS Oscillator
GXO-U113 GOLLEDGE-GXO-U113_16 Datasheet
132Kb / 1P
3.3V & 5V CMOS Oscillator
GXO-U115 GOLLEDGE-GXO-U115_16 Datasheet
124Kb / 1P
3.3V & 5V CMOS Oscillator
GXO-U129 GOLLEDGE-GXO-U129_16 Datasheet
133Kb / 1P
3.3V & 5V CMOS Oscillator - Tight Stability
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com