Electronic Components Datasheet Search
  English  ▼

X  

CY7C441-30JC Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CY7C441-30JC
Description  Clocked 512 x 9, 2K x 9 FIFOs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C441-30JC Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CY7C441-30JC Datasheet HTML 7Page - Cypress Semiconductor CY7C441-30JC Datasheet HTML 8Page - Cypress Semiconductor CY7C441-30JC Datasheet HTML 9Page - Cypress Semiconductor CY7C441-30JC Datasheet HTML 10Page - Cypress Semiconductor CY7C441-30JC Datasheet HTML 11Page - Cypress Semiconductor CY7C441-30JC Datasheet HTML 12Page - Cypress Semiconductor CY7C441-30JC Datasheet HTML 13Page - Cypress Semiconductor CY7C441-30JC Datasheet HTML 14Page - Cypress Semiconductor CY7C441-30JC Datasheet HTML 15Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
CY7C441
CY7C443
Document #: 38-06032 Rev. *A
Page 13 of 15
Table 4. Almost Full Flag Operation Example[29,30]
Status Before Operation
Status After Operation
Current State
of FIFO
F1
F2
Number
of Words
in FIFO
CY7C441
Number
of Words
in FIFO
CY7C443
Operation
Next State
of FIFO
F1
F2
Number of
Words in
FIFO
CY7C441
Number of
Words in
FIFO
CY7C443
Comments
AF
0
1
496
2032
Read
(ENR=LOW)
AF
0
1
495
2031
Read
AF
0
1
495
2031
Read
(ENR=LOW)
AF
0
1
494
2030
Read
AF
0
1
494
2030
Write
(ENW=HIGH)
Intermediate
1
1
494
2030
Flag
Update
Intermediate
1
1
494
2030
Write
(ENW=LOW)
Intermediate
1
1
495
2031
Write
Intermediate
1
1
495
2031
Write
(ENW=LOW)
AF
0
1
496
2032
Write
(Transition
from Inter-
mediate
toAlmost
Full)
Note:
29. The CY7C441 Almost Full state is represented by 496 or more words.
30. The CY7C443 Almost Full state is represented by 2032 or more words.
Ordering Information
512x9 Clocked FIFO
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
12
CY7C441–12JC
J65
32-Lead Plastic Leaded Chip Carrier
Commercial
CY7C441–12JI
J65
32-Lead Plastic Leaded Chip Carrier
Industrial
14
CY7C441–14JC
J65
32-Lead Plastic Leaded Chip Carrier
Commercial
CY7C441–14JI
J65
32-Lead Plastic Leaded Chip Carrier
Industrial
20
CY7C441–20JC
J65
32-Lead Plastic Leaded Chip Carrier
Commercial
CY7C441–20JI
J65
32-Lead Plastic Leaded Chip Carrier
Industrial
30
CY7C441–30JC
J65
32-Lead Plastic Leaded Chip Carrier
Commercial
CY7C441–30JI
J65
32-Lead Plastic Leaded Chip Carrier
Industrial
2Kx9 Clocked FIFO
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
12
CY7C443–12JC
J65
32-Lead Plastic Leaded Chip Carrier
Commercial
CY7C443–12JI
J65
32-Lead Plastic Leaded Chip Carrier
Industrial
14
CY7C443–14JC
J65
32-Lead Plastic Leaded Chip Carrier
Commercial
CY7C443–14JI
J65
32-Lead Plastic Leaded Chip Carrier
Industrial
20
CY7C443–20JC
J65
32-Lead Plastic Leaded Chip Carrier
Commercial
CY7C443–20JI
J65
32-Lead Plastic Leaded Chip Carrier
Industrial
30
CY7C443–30JC
J65
32-Lead Plastic Leaded Chip Carrier
Commercial
CY7C443–30JI
J65
32-Lead Plastic Leaded Chip Carrier
Industrial



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com