Electronic Components Datasheet Search
  English  ▼

X  

LX128EV Datasheet(PDF) 39 Page - Lattice Semiconductor

Part # LX128EV
Description  IC SWITCH DIGITAL 208FBGA
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LX128EV Datasheet(HTML) 39 Page - Lattice Semiconductor

Back Button LX128EV Datasheet HTML 35Page - Lattice Semiconductor LX128EV Datasheet HTML 36Page - Lattice Semiconductor LX128EV Datasheet HTML 37Page - Lattice Semiconductor LX128EV Datasheet HTML 38Page - Lattice Semiconductor LX128EV Datasheet HTML 39Page - Lattice Semiconductor LX128EV Datasheet HTML 40Page - Lattice Semiconductor LX128EV Datasheet HTML 41Page - Lattice Semiconductor LX128EV Datasheet HTML 42Page - Lattice Semiconductor LX128EV Datasheet HTML 43Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 75 page
background image
Lattice Semiconductor
ispGDX2 Family Data Sheet
36
ispGDX2V/B/C, ispGDX2EV/EB/EC Timing Adjusters
Parameter
Description
-3
-32
-35
-5
Units
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Optional Adders
tINDIO
Input Delay
—
1.50
—
1.50
—
1.50
—
2.50
ns
tPLL_SEC_DELAY
Secondary PLL Output
Delay
—
1.30
—
1.30
—
1.30
—
1.30
ns
tIOO Output Adjusters
Slow Slew
Using Slow Slew (LVTTL and
LVCMOS Outputs Only)
—
0.90
—
0.90
—
0.90
—
0.90
ns
LVTTL_out
Using 3.3V TTL Drive
—
1.20
—
1.20
—
1.20
—
1.20
ns
LVCMOS_18_4mA_out
Using 1.8V CMOS Standard,
4mA Drive
—
0.30
—
0.30
—
0.30
—
0.30
ns
LVCMOS_18_5.33mA_out
Using 1.8V CMOS Standard,
5.33mA Drive
—
0.30
—
0.30
—
0.30
—
0.30
ns
LVCMOS_18_8mA_out
Using 1.8V CMOS Standard,
8mA Drive
—
0.00
—
0.00
—
0.00
—
0.00
ns
LVCMOS_18_12mA_out
Using 1.8V CMOS Standard,
12mA Drive
—
0.00
—
0.00
—
0.00
—
0.00
ns
LVCMOS_25_4mA_out
Using 2.5V CMOS Standard,
4mA Drive
—
1.20
—
1.20
—
1.20
—
1.20
ns
LVCMOS_25_5.33mA_out
Using 2.5V CMOS Standard,
5.33mA Drive
—
1.00
—
1.00
—
1.00
—
1.00
ns
LVCMOS_25_8mA_out
Using 2.5V CMOS Standard,
8mA Drive
—
0.40
—
0.40
—
0.40
—
0.40
ns
LVCMOS_25_12mA_out
Using 2.5V CMOS Standard,
12mA Drive
—
0.40
—
0.40
—
0.40
—
0.40
ns
LVCMOS_25_16mA_out
Using 2.5V CMOS Standard,
16mA Drive
—
0.40
—
0.40
—
0.40
—
0.40
ns
LVCMOS_33_4mA_out
Using 3.3V CMOS Standard,
4mA Drive
—
1.20
—
1.20
—
1.20
—
1.20
ns
LVCMOS_33_5.33mA_out
Using 3.3V CMOS Standard,
5.33mA Drive
—
1.20
—
1.20
—
1.20
—
1.20
ns
LVCMOS_33_8mA_out
Using 3.3V CMOS Standard,
8mA Drive
—
0.80
—
0.80
—
0.80
—
0.80
ns
LVCMOS_33_12mA_out
Using 3.3V CMOS Standard,
12mA Drive
—
0.60
—
0.60
—
0.60
—
0.60
ns
LVCMOS_33_16mA_out
Using 3.3V CMOS Standard,
16mA Drive
—
0.60
—
0.60
—
0.60
—
0.60
ns
LVCMOS_33_20mA_out
Using 3.3V CMOS Standard,
20mA Drive
—
0.30
—
0.30
—
0.30
—
0.30
ns
AGP_1X_out
Using AGP 1x Standard
—
0.60
—
0.60
—
0.60
—
0.60
ns
BLVDS_out
Using Bus Low Voltage Dif-
ferential Signaling (BLVDS)
—
1.00
—
1.00
—
1.00
—
1.00
ns
CTT25_out
Using CTT 2.5v
—
0.30
—
0.30
—
0.30
—
0.30
ns
CTT33_out
Using CTT 3.3v
—
0.20
—
0.20
—
0.20
—
0.20
ns
GTL+_out
Using GTL+
—
0.50
—
0.50
—
0.50
—
0.50
ns
HSTL_I_out
Using HSTL 2.5V, Class I
—
0.50
—
0.50
—
0.50
—
0.50
ns
HSTL_III_out
Using HSTL 2.5V, Class III
—
0.60
—
0.60
—
0.60
—
0.60
ns
HSTL_IV_out
Using HSTL 2.5V, Class IV
—
0.60
—
0.60
—
0.60
—
0.60
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com