Electronic Components Datasheet Search
  English  ▼

X  

DS25LV02R Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS25LV02R
Description  Low-Voltage 1024-Bit EPROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS25LV02R Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS25LV02R Datasheet HTML 1Page - Maxim Integrated Products DS25LV02R Datasheet HTML 2Page - Maxim Integrated Products DS25LV02R Datasheet HTML 3Page - Maxim Integrated Products DS25LV02R Datasheet HTML 4Page - Maxim Integrated Products DS25LV02R Datasheet HTML 5Page - Maxim Integrated Products DS25LV02R Datasheet HTML 6Page - Maxim Integrated Products DS25LV02R Datasheet HTML 7Page - Maxim Integrated Products DS25LV02R Datasheet HTML 8Page - Maxim Integrated Products DS25LV02R Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
DS25LV02: Low-Voltage 1024-Bit EPROM
2 of 17
ABSOLUTE MAXIMUM RATINGS
Voltage Range on DQ, Relative to VSS
-0.3V to +12V
Voltage Range on VDD, Relative to VSS
-0.3V to +6V
Operating Temperature Range
-30°C to +85°C
Storage Temperature Range
-55°C to +125°C
Soldering Temperature
See IPC/JEDEC J-STD-020A Specification
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is
not implied. Exposure to the absolute maximum rating conditions for extended periods may affect device.
RECOMMENDED DC OPERATING CONDITIONS
(2.2V
£ VDD £ 5.5V, TA = -30°C to +85°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VDD
(Notes 1, 2)
2.2
5.5
V
Data Pin Communication Voltage
VDQ
(Note 1)
-0.3
+5.5
V
Data Pin Programming Voltage
VPP
(Notes 1, 2, 5)
11.5
12.0
V
DC ELECTRICAL CHARACTERISTICS
(2.2V
£ VDD £ 5.5V, TA = -30°C to +85°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
IDD0
DQ Idle (Note 4)
0.8
2
Supply Current
IDD1
Communication mode, DQ active
300
mA
Input-Logic High: DQ
VIH
(Note 1)
1.5
V
VDD ≥ 2.5V
0.6
Input-Logic Low: DQ (Note 1)
VIL
0.4
V
Output-Logic Low: DQ
VOL
IOL = 4mA (Note 1)
0.4
V
Pulldown Current: DQ
IPD
0.5
mA
EPROM RELIABILITY SPECIFICATION
(2.2V
£ VDD £ 5.5V, TA = -30°C to +85°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Storage
tEES
(Notes 2, 3)
10
Years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com