Electronic Components Datasheet Search
  English  ▼

X  

M4M20 Datasheet(PDF) 2 Page - ABB

Part # M4M20
Description  Accurate electrical measuring and power monitoring.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

M4M20 Datasheet(HTML) 2 Page - ABB

  M4M20 Datasheet HTML 1Page - ABB M4M20 Datasheet HTML 2Page - ABB M4M20 Datasheet HTML 3Page - ABB M4M20 Datasheet HTML 4Page - ABB M4M20 Datasheet HTML 5Page - ABB M4M20 Datasheet HTML 6Page - ABB M4M20 Datasheet HTML 7Page - ABB M4M20 Datasheet HTML 8Page - ABB M4M20 Datasheet HTML 9Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Cloud Platform
ABB AbilityTM
EMBEDDED
EXTERNAL
Modbus TCP
Emax 2
Ekip UP
Ekip E-Hub
M-bus/RS-485
Modbus RS-485
Web server
Web server
Water
Temperature
Gas
Water
Gas Temperature
3
P R OD U C T OV ER V I E W
Intuitive interface
Touchscreen display and easy-to-access App-
structured menu make network analyzers’
configuration and operation simple and quick.
Graphic color display for advanced visualization
of the Class 0,5S accurate parameters,
interactive pop-ups and complete notifications.
Quick navigation is ensured by Homepage and
favorite page setting.
Smart commissioning
All M4M network analyzers are equipped with
Bluetooth BLE module, ensuring smart
configuration and quick visualization via unique
EPiC commissioning tool, both available as mobile
App and desktop software. Availability of remote
firmware update regularly at any time guarantees
the latest and the most secure version of the
device with no impact on operations.
Fast installation and wiring
All terminals on M4M are removable, including the
current transformers (CTs) inputs for current
measurement, allowing to carry out the wiring
directly on the terminals and speeding up the
process. Moreover, the vertical disposition of the
terminals makes the cabling inside the
switchboard more comfortable.
Full integration
ABB Ability™-native network analyzers,
automatically integrated in ABB Ability™ Electrical
Distribution Control System cloud-computing
platform, allowing to monitor, optimize and
control the complete electrical system.
Wide integration in all main applications through
embedded communication protocols (Modbus
RTU, Modbus TCP/IP, BACnet/IP, Profibus DP V0).
Installation in any panel
Comfortable installation and secure fix on the
panel is ensured by the easy-to-use clips, with
different thickness setup for compatibility with
any panel. One-hand mounting of the device
thanks to the hooks on the housing.
The reduced depth of only 57 mm inside the
panel makes M4M suitable even in small-size
switchboards.
Rogowski coils compatibility
Specific M4M versions compatible with ABB’s
R4M Rogowski coils allow to retrofit in existing
installations, integrating power quality metering
with 0 downtime. The pre-wired terminals of R4M
coils allow to save up to 70% time for current
transformers cabling compared to standard CTs.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com