Electronic Components Datasheet Search
  English  ▼

X  

M4M30 Datasheet(PDF) 4 Page - ABB

Part # M4M30
Description  Accurate electrical measuring and power monitoring.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

M4M30 Datasheet(HTML) 4 Page - ABB

  M4M30 Datasheet HTML 1Page - ABB M4M30 Datasheet HTML 2Page - ABB M4M30 Datasheet HTML 3Page - ABB M4M30 Datasheet HTML 4Page - ABB M4M30 Datasheet HTML 5Page - ABB M4M30 Datasheet HTML 6Page - ABB M4M30 Datasheet HTML 7Page - ABB M4M30 Datasheet HTML 8Page - ABB M4M30 Datasheet HTML 9Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Current measurement inputs
Number of current inputs
3 (L1, L2, L3)
4 (L1, L2, L3, N)
Indirect insertion with CT
CT rated secondary current
5 A (Class 0.5S)
1 A (Class 1)
Measurement range without accuracy derating
50 mA - 6 A
Starting current
5 mA
Burden
0.024 VA at 6 A
Indirect insertion with Rogowski coils
M4M 20 Rogowski
M4M 30 Rogowski
Rated current
10.000 A
Measurement range without accuracy derating
100 A - 12 kA
Starting current
[A]
10 A
—
I/O
Digital Output
Voltage (min - max)
5 - 240 VAC/DC
Current (min - max)
2 - 100 mA
Max ON state drop voltage
1,5 V
Max R value at Min voltage conditions (5 V)
1750 Ohm
Min R value at Max voltage conditions (240 V)
2400 Ohm
Pulse duration
[ms]
20 ms ON, 20 ms OFF
Pulse frequency
25 Hz
Alarm activation delay
[s]
1 - 900 s (programmable)
Alarm return hysteresis
0 - 40% (programmable)
Digital Input
Maximum voltage
240 VAC/DC
Max voltage for OFF state on input
20 VAC/DC
Min voltage for ON state on input
45 VAC/DC
Analogue Output
Programmable electrical span
Span [0 - 20 mA or 4 - 20 mA]
Load
Typical 250 Ohm, max 500 Ohm
5
T EC HNI C A L FE AT U R E S
M4M 20
M4M 30



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com