Electronic Components Datasheet Search
  English  ▼

X  

MMBV809 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # MMBV809
Description  Silicon Tuning Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

MMBV809 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  MMBV809 Datasheet HTML 1Page - E-Tech Electronics LTD MMBV809 Datasheet HTML 2Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
I5–1/2
CASE
318–08, STYLE 8
SOT– 23 (TO–236AB)
MMBV809LT1
This device is designed for 900 MHz frequency control
and tuning applications. It provides solid–state reliability in
replacement of mechanical tuning methods.
• Controlled and Uniform Tuning Ratio
• Available in Surface Mount Package
• Available in 8 mm Tape and Reel
Silicon Tuning Diode
MAXIMUM RATINGS(EACH DIODE)
Rating
Symbol
Value
Unit
Reverse Voltage
V R
20
Vdc
Forward Current
I F
20
mAdc
Device Dissipation(1) @T A = 25°C
P D
225
mW
Derate above 25°C
1.8
mW/°C
Junction Temperature
T J
+125
°C
Storage Temperature Range
T stg
–55 to +150
°C
DEVICE MARKING
MMBV809LT1=5K
ELECTRICAL CHARACTERISTICS(TA=25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
Reverse Breakdown Voltage
V (BR)R
20
—
Vdc
(IR=10
µAdc)
Reverse Voltage Leakage Current
I R
—
50
nAdc
(VR=15Vdc)
Min
Typ
Max
Typ
Min
Max
MMBV809LT1
4.5
5.3
6.1
75
1.8
2.6
1. FR-5 Board 1.0 x 0.75 x 0.62 in.
2. CR is the ratio of Ct measured at 2.0 Vdc divided by Ct measured at 8.0 vdc
Device Type
C
TDiode
Capacitance
V
R=2.0Vdc,f=1.0MHz
pF
Q,Figure of Merit
V
R=3.0Vdc
f=500MHz
C
R,Capacitance
Ratio
C
2 /C 8
f=1.0MHz(2)
3
CATHODE
1
ANODE
(
1
3
2


Similar Part No. - MMBV809

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBV809LT1 LRC-MMBV809LT1 Datasheet
90Kb / 2P
Silicon Tuning Diode
logo
ON Semiconductor
MMBV809LT1 ONSEMI-MMBV809LT1 Datasheet
37Kb / 4P
Silicon Tuning Diode
November, 2001 ??Rev. 3
MMBV809LT1 ONSEMI-MMBV809LT1 Datasheet
47Kb / 3P
Silicon Tuning Diode
January, 2006 ??Rev. 4
MMBV809LT1G ONSEMI-MMBV809LT1G Datasheet
47Kb / 3P
Silicon Tuning Diode
January, 2006 ??Rev. 4
MMBV809LT1 ONSEMI-MMBV809LT1_06 Datasheet
47Kb / 3P
Silicon Tuning Diode
January, 2006 ??Rev. 4
More results

Similar Description - MMBV809

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBV809LT1 LRC-MMBV809LT1 Datasheet
90Kb / 2P
Silicon Tuning Diode
logo
Infineon Technologies A...
BBY51 INFINEON-BBY51 Datasheet
444Kb / 3P
Silicon Tuning Diode
Dec-15-2003
logo
ON Semiconductor
MMVL2105T1 ONSEMI-MMVL2105T1 Datasheet
49Kb / 4P
Silicon Tuning Diode
February, 2006 ??Rev. 1
MMBV409LT1 ONSEMI-MMBV409LT1 Datasheet
47Kb / 3P
Silicon Tuning Diode
January, 2006 ??Rev. 3
MMBV432LT1 ONSEMI-MMBV432LT1_06 Datasheet
48Kb / 4P
Silicon Tuning Diode
January, 2006 ??Rev. 4
MMBV609LT1 ONSEMI-MMBV609LT1_06 Datasheet
46Kb / 3P
Silicon Tuning Diode
January, 2006 ??Rev. 3
MMBV809LT1 ONSEMI-MMBV809LT1_06 Datasheet
47Kb / 3P
Silicon Tuning Diode
January, 2006 ??Rev. 4
logo
Infineon Technologies A...
BB837 INFINEON-BB837_07 Datasheet
76Kb / 7P
Silicon Tuning Diode
2007-04-20
BBY59 INFINEON-BBY59_07 Datasheet
58Kb / 6P
Silicon Tuning Diode
2007-04-20
BBY65 INFINEON-BBY65_07 Datasheet
56Kb / 6P
Silicon Tuning Diode
2007-04-20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com