Electronic Components Datasheet Search
  English  ▼

X  

SL101N Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SL101N
Description  Digital Dispenser
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SL101N Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SL101N Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SL101N
Digital
Dispenser
Features
• Digitally controlled programming
• Wide range of applications
• Barrel suck-back ensures no dripping
• Stores up to 9 dispensing routines
Engineered Solutions
An automatic digital dispenser with a bright LCD display and “teach & learn” process programming. Up to
9 independent dispensing programs may be stored for fast recall.
The SL101N has three modes of operation. The first is autocycling, which operates by sequencing a
self-taught cycle of events including a dispense time together with a wait or pause condition between the
cycles. This feature enables the SL101N to be used as a stand-alone semi-automated dispensing
system. Manual-mode enables a dispense operation to be manually controlled by a foot pedal, and
Timed-mode dispenses at a pre-set time.
Fisnar
Global Headquarters
Tel: 1 (973) 646-5044
www.fisnar.com
Fisnar Europe
European Headquarters
Tel: +00 44 (0) 1355 577 222
www.fisnareurope.co.uk
Fisnar Asia
Asia Headquarters
Tel: 852-2389-2827
www.fisnareurope.co.uk
Specifications
Disepnse time:
Cycle:
Internal memory:
Air Input:
Air Output:
Internal voltage:
Voltage:
Dimensions (WxDxH):
Weight:
Standards:
0.01 - 99.99 seconds
manual, timed, cycle
9 save locations
70 - 100 psi
1 - 100 psi
24 VDC
100 - 240 VAC
8.63” x 8.50” x 2.63”
3.5 lbs.
CE, RoHS Compliant
Sales & Support
Toll Free: 1 866-6FISNAR
www.snar.com
info@snar.com


Similar Part No. - SL101N

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
SL10100 CHENDA-SL10100 Datasheet
3Mb / 2P
10 0A Surface Mount Schottky Barrier Rectifiers
logo
Guangdong Juxing Electr...
SL10100 JUXING-SL10100 Datasheet
3Mb / 2P
Surface Mount Schottky Rectifiers
logo
Microdiode Semiconducto...
SL10100 CHENDA-SL10100 Datasheet
1Mb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SL10100.10A-TO-277 DGNJDZ-SL10100.10A-TO-277 Datasheet
356Kb / 2P
10.0A Surface Mount Schottky Barrier Rectifiers
logo
AMETHERM Circuit Protec...
SL1010002 AMETHERM-SL1010002 Datasheet
41Kb / 1P
Circuit Protection Thermistors
More results

Similar Description - SL101N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U840A ETC2-U840A Datasheet
57Kb / 1P
TOILET TISSUE DISPENSER
logo
Linkage Goston Electron...
LNK6932P LINKAGE-LNK6932P Datasheet
2Mb / 7P
Non-IsolatIon DIspenser LED
LNK6933D LINKAGE-LNK6933D Datasheet
3Mb / 7P
Non-IsolatIon DIspenser LED
LNK6935D LINKAGE-LNK6935D Datasheet
2Mb / 7P
Non-IsolatIon DIspenser LED
SM7381P LINKAGE-SM7381P Datasheet
2Mb / 8P
Non-IsolatIon DIspenser LED
SM7381PK LINKAGE-SM7381PK Datasheet
2Mb / 8P
Non-IsolatIon DIspenser LED
SM7382P LINKAGE-SM7382P Datasheet
1Mb / 8P
Non-IsolatIon DIspenser LED
SM7384P LINKAGE-SM7384P Datasheet
2Mb / 8P
Non-IsolatIon DIspenser LED
SM73822P LINKAGE-SM73822P Datasheet
1Mb / 8P
Non-IsolatIon DIspenser LED
logo
PHOENIX CONTACT
1014401 PHOENIX-1014401 Datasheet
41Kb / 2P
Label dispenser - THERMOMARK ROLL X1 -DISPENSER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com