Electronic Components Datasheet Search
  English  ▼

X  

ICS950402 Datasheet(PDF) 15 Page - Integrated Circuit Systems

Part # ICS950402
Description  AMD - K8 System Clock Chip
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950402 Datasheet(HTML) 15 Page - Integrated Circuit Systems

Back Button ICS950402 Datasheet HTML 11Page - Integrated Circuit Systems ICS950402 Datasheet HTML 12Page - Integrated Circuit Systems ICS950402 Datasheet HTML 13Page - Integrated Circuit Systems ICS950402 Datasheet HTML 14Page - Integrated Circuit Systems ICS950402 Datasheet HTML 15Page - Integrated Circuit Systems ICS950402 Datasheet HTML 16Page - Integrated Circuit Systems ICS950402 Datasheet HTML 17Page - Integrated Circuit Systems ICS950402 Datasheet HTML 18Page - Integrated Circuit Systems ICS950402 Datasheet HTML 19Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
15
ICS950402
0700B—04/30/04
Electrical Characteristics - PCICLK, PCICK33 / HT66 (33MHz)
TA = 0 - 70°C; VDD = 3.3V +/-5%; CL = 30 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH1
IOH = -12 mA
2.4
V
Output Low Voltage
VOL1
IOL = 9.0 mA
0.4
V
Output High Current
IOH1
VOH = 2.0 V
-15
mA
Output Low Current
IOL1
VOL = 0.8 V
10
mA
Measured from 20 - 60%, 1X drive strength
0.9
0.92
2X drive strength
1.38
2.3X drive strength
1.63
Measured from 60 - 20%, 1X drive strength
1.15
2X drive strength
1.93
2.3X drive strength
2.19
Duty Cycle
1
dt1
VT = 1.5 V
45
51
55
%
Jitter, Cycle-to-Cycle
1
tcyc-cyc1
Measured on rising edge @ 1.5V
140
250
ps
Jitter, Accumulated
1
-1000
450
1000
ps
Output Impedance
ZO
VO = VX
265
500
ps
1Guaranteed by design, not 100% tested in production.
Rise Edge Rate
1
Fall Edge Rate
1
tr1
tf1
V/ns
V/ns
1
4
4
1
Electrical Characteristics - PCICK33 / HT66 (66MHz)
TA = 0 - 70°C; VDD = 3.3V +/-5%; CL = 30 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH1
IOH = -12 mA
2.4
V
Output Low Voltage
VOL1
IOL = 9.0 mA
0.4
V
Output High Current
IOH1
VOH = 2.0 V
-15
mA
Output Low Current
IOL1
VOL = 0.8 V
10
mA
Measured from 20 - 60%, 1X drive strength
0.9
0.95
2.3X drive strength
1
1.65
Measured from 60 - 20%, 1X drive strength
1.18
2.3X drive strength
2.12
Duty Cycle
1
dt1
VT = 1.5 V
45
51
55
%
Jitter, Cycle-to-Cycle
1
tcyc-cyc1
Measured on rising edge @ 1.5V
200
250
ps
Jitter, Accumulated
1
-1000
450
1000
ps
Output Impedance
ZO
VO = VX
265
500
ps
1Guaranteed by design, not 100% tested in production.
Rise Edge Rate
1
tr1
4V/ns
V/ns
Fall Edge Rate
1
tf1
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com