Electronic Components Datasheet Search
  English  ▼

X  

MSB709 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # MSB709
Description  PNP General Purpose Amplifier Transistor Surface Mount
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

MSB709 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  MSB709 Datasheet HTML 1Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
N2–1/1
PNP General Purpose Amplifier
Transistor Surface Mount
CASE 318D–03, STYLE1
SC–59
MAXIMUM RATINGS (T A = 25 °C)
Rating
Symbol
Value
Unit
Collector-Base Voltage
V (BR)CBO
–60
Vdc
Collector-Emitter Voltage
V (BR)CEO
–45
Vdc
Emitter-Base Voltage
V (BR)EBO
–7.0
Vdc
Collector Current - Continuous
I C
–100
mAdc
Collector Current - Peak
I C(P)
–200
mAdc
THERMALCHARACTERISTICS
Characteristic
Symbol
Max
Unit
Power Dissipation
P D
200
mW
Junction Temperature
T J
150
°C
Storage Temperature
T stg
–55 ~ +150
°C
ELECTRICAL CHARACTERISTICS (TA = 25 °C)
Characteristic
Symbol
Min
Max
Unit
Collector-Emitter Breakdown Voltage (IC=–2.0mAdc,IB=0)
V (BR)CEO
–45
—
Vdc
Collector-Base Breakdown Voltage (IC=–10
µAdc,I
E=0)
V(BR)CBO
–60
—
Vdc
Emitter-Base Breakdown Voltage (IE =–10
µAdc,I
E=0)
V (BR)EBO
–7.0
—
Vdc
Collector-Base Cutoff Current (VCB =–45Vdc, IE=0)
ICBO
—
–0.1
µAdc
Collector-Emitter Cutoff Current (VCE=–10Vdc, IB=0)
ICEO
—
–100
nAdc
DC Current Gain (1)
hFE1
210
340
—
(VCE=–10Vdc, IC = –2.0mAdc)
Collector-Emitter Saturation Voltage
VCE(sat)
—
–0.5
Vdc
(IC = –100mAdc, IB=–10mAdc)
1. Pulse Test: Pulse Width
300
µs, D.C.
2%.
DEVICE MARKING
Marking Symbol
The “X” represents a smaller alpha digit Date Code. The Date Code indicates the actual month
in which the part was manufactured.
COLLECTOR
3
2
1
BASE
EMITTER
ARX
<
<
1
3
2
MSB709-RT1


Similar Part No. - MSB709

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MSB709 WEITRON-MSB709 Datasheet
428Kb / 6P
PNP General Purpose Transistors
logo
ON Semiconductor
MSB709-RT1 ONSEMI-MSB709-RT1 Datasheet
111Kb / 4P
PNP General Purpose Amplifier Transistor Surface Mount
REV 3
logo
Leshan Radio Company
MSB709-RT1 LRC-MSB709-RT1 Datasheet
40Kb / 1P
PNP General Purpose Amplifier Transistor Surface Mount
logo
ON Semiconductor
MSB709-RT1G ONSEMI-MSB709-RT1G Datasheet
39Kb / 4P
PNP General Purpose Amplifier Transistor Surface Mount
June, 2005 ??Rev. 6
More results

Similar Description - MSB709

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MSB709-RT1 ONSEMI-MSB709-RT1 Datasheet
111Kb / 4P
PNP General Purpose Amplifier Transistor Surface Mount
REV 3
MSB710-RT1 ONSEMI-MSB710-RT1 Datasheet
80Kb / 6P
PNP General Purpose Amplifier Transistor Surface Mount
1997
logo
Leshan Radio Company
MSB709-RT1 LRC-MSB709-RT1 Datasheet
40Kb / 1P
PNP General Purpose Amplifier Transistor Surface Mount
MSB710-RT1 LRC-MSB710-RT1 Datasheet
38Kb / 1P
PNP General Purpose Amplifier Transistor Surface Mount
logo
Micropac Industries
61083 MICROPAC-61083 Datasheet
83Kb / 2P
SURFACE MOUNT (PNP) GENERAL PURPOSE TRANSISTOR
logo
Leshan Radio Company
LMSB709LT1 LRC-LMSB709LT1 Datasheet
44Kb / 2P
PNP General Purpose Amplifier Transistor Surface Mount
logo
E-Tech Electronics LTD
MSB710 ETL-MSB710 Datasheet
75Kb / 1P
PNP General Purpose Amplifier Transistor Surface Mount
logo
ON Semiconductor
MSB709-RT1G ONSEMI-MSB709-RT1G Datasheet
39Kb / 4P
PNP General Purpose Amplifier Transistor Surface Mount
June, 2005 ??Rev. 6
MSB710-RT1G ONSEMI-MSB710-RT1G Datasheet
38Kb / 2P
PNP General Purpose Amplifier Transistor Surface Mount
January, 2006 ??Rev. 4
logo
TT Electronics.
2N2907AUB TTELEC-2N2907AUB Datasheet
566Kb / 4P
Surface Mount PNP General Purpose Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com