Electronic Components Datasheet Search
  English  ▼

X  

MSC2295 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # MSC2295
Description  NPN RF Amplifier Transistors Surface Mount
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

MSC2295 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  MSC2295 Datasheet HTML 1Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
N4–1/1
MAXIMUM RATINGS (T A = 25°C)
Rating
Symbol
Value
Unit
Collector-Base Voltage
V(BR)CBO
30
Vdc
Collector-Emitter Voltage
V(BR)CEO
20
Vdc
Emitter-Base Voltage
V(BR)EBO
5.0
Vdc
Collector Current - Continuous
IC
30
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Power Dissipation
P D
200
mW
Junction Temperature
T J
150
°C
Storage Temperature
T stg
-55 ~ +150
°C
ELECTRICAL CHARACTERISTICS (T A = 2
5°C)
Characteristic
Symbol
Min
Max
Unit
Collector-Base Cutoff Current
I CBO
—
0.1
µAdc
(V CB = 10 Vdc, I E = 0)
DC Current Gain (1)
h FE
—
(V CB = 10 Vdc, I C = –1.0 mAdc)
MSC2295-BT1
70
140
MSC2295-CT1
110
220
Collector-Gain - Bandwidth Product
f T
150
—
MHz
(V CB = 10 Vdc, I E = –1.0 mAdc)
Reverse Transistor Capacitance
Cre
—
1.5
pF
(V CE = 10 Vdc, I C = 1.0 mAdc, f = 10.7 MHz)
1. Pulse Test: Pulse Width < 300 ms, D.C.< 2%.
DEVICE MARKING
The “X” represents a smaller alpha digit Date Code. The Date Code indicates the actual month
in which the part was manufactured.
MSC2295-BT1
MSC2295-CT1
NPN RF Amplifier Transistors
Surface Mount
CASE
318D–03, STYLE1
SC–59
COLLECTOR
3
2
1
BASE
EMITTER
VBX
VCX
Marking Symbol
MSC2295-BT1
MSC2295-CT1
1
3
2


Similar Part No. - MSC2295

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MSC2295-BT1 MOTOROLA-MSC2295-BT1 Datasheet
112Kb / 4P
NPN RF Amplifier Transistors Surface Mount
logo
Leshan Radio Company
MSC2295-BT1 LRC-MSC2295-BT1 Datasheet
38Kb / 1P
NPN RF Amplifier Transistors Surface Mount
logo
ON Semiconductor
MSC2295-BT1 ONSEMI-MSC2295-BT1 Datasheet
41Kb / 2P
NPN RF Amplifier Transistors Surface Mount
January, 2006 ??Rev. 4
MSC2295-BT1G ONSEMI-MSC2295-BT1G Datasheet
41Kb / 2P
NPN RF Amplifier Transistors Surface Mount
January, 2006 ??Rev. 4
logo
Motorola, Inc
MSC2295-CT1 MOTOROLA-MSC2295-CT1 Datasheet
112Kb / 4P
NPN RF Amplifier Transistors Surface Mount
More results

Similar Description - MSC2295

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MSC2295-BT1 MOTOROLA-MSC2295-BT1 Datasheet
112Kb / 4P
NPN RF Amplifier Transistors Surface Mount
MSC3130T1 MOTOROLA-MSC3130T1 Datasheet
105Kb / 4P
NPN RF Amplifier Transistors Surface Mount?
MSD1819ART1 MOTOROLA-MSD1819ART1 Datasheet
153Kb / 6P
NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
logo
Leshan Radio Company
MSC2295-BT1 LRC-MSC2295-BT1 Datasheet
38Kb / 1P
NPN RF Amplifier Transistors Surface Mount
MSC3130T1 LRC-MSC3130T1 Datasheet
40Kb / 1P
NPN RF Amplifier Transistor Surface Mount
MSD601-RT1 LRC-MSD601-RT1 Datasheet
40Kb / 1P
NPN General Purpose Amplifier Transistors Surface Mount
logo
ON Semiconductor
MSC2295-BT1 ONSEMI-MSC2295-BT1 Datasheet
41Kb / 2P
NPN RF Amplifier Transistors Surface Mount
January, 2006 ??Rev. 4
MSD601-RT1 ONSEMI-MSD601-RT1 Datasheet
48Kb / 4P
NPN General Purpose Amplifier Transistors Surface Mount
January, 2006 ??Rev. 7
MSC3130T1 ONSEMI-MSC3130T1 Datasheet
148Kb / 4P
NPN RF Amplifier Transistor Surface Mount
August, 2006 ??Rev. 4
MSD601-RT1 ONSEMI-MSD601-RT1_12 Datasheet
85Kb / 3P
NPN General Purpose Amplifier Transistors Surface Mount
July, 2012 ??Rev. 9
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com