Electronic Components Datasheet Search
  English  ▼

X  

IMS-2 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IMS-2
Description  Inductors Commercial, Molded, Shielded, Miniature
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IMS-2 Datasheet(HTML) 2 Page - Vishay Siliconix

  IMS-2 Datasheet HTML 1Page - Vishay Siliconix IMS-2 Datasheet HTML 2Page - Vishay Siliconix IMS-2 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
IMS-2
Inductors, Commercial, Molded, Shielded, Miniature
Vishay Dale
Document Number: 34045
For technical questions contact magnetics@vishay.com
www.vishay.com
Revision: 18-Oct-04
23
MECHANICAL SPECIFICATIONS
Terminal Strength: 3 pounds pull per MIL-STD-202,
Method 211, Test Condition A except 180° rotation for a total
of 540 °C
Weight: IMS-2 = 0.30 grams maximum
MATERIAL SPECIFICATIONS
Encapsulant: Epoxy
Standard Terminal: #24 AWG tinned copper
TEST EQUIPMENT*
• H/P 4342A Q-Meter
• Measurements Corporation Megacycle Meter, Model 59
• Wheatstone Bridge
* Test procedures per MIL-PRF-15305
DIMENSIONS in inches [millimeters]
0.250 ± 0.010
[6.35 ± 0.254]
1.50 ± 0.120
[38.10 ± 3.05]
0.095 ± 0.010
[2.41 ± 0.254]
0.020 ± 0.0015
[0.508 ± 0.038]
INDUCTANCE RANGE AND MILITARY STANDARD
INDUCTANCE RANGE
MATERIAL
FROM
TO
CORE
SHIELD
0.10 µH
100 µH
Powdered Iron
Powdered Iron
120 µH
560 µH
Ferrite
Ferrite
ENVIRONMENTAL PERFORMANCE
TEST
CONDITIONS
SPECIFICATIONS
Barometric Pressure
Test Condition C
MIL-STD-202, Method 105
Thermal Shock
Test Condition A-1
MIL-STD-202, Method 107
Flammability
-
MIL-STD-202, Method 111
Overload
-
MIL-PRF-15305
Low Temperature Storage
-
MIL-PRF-15305
Resistance to Soldering Heat
Test Condition A
MIL-STD-202, Method 210
Resistance to Solvents
-
MIL-STD-202, Method 215
ORDERING INFORMATION
IMS-2
10 µH
± 10 %
ER
e2
MODEL
INDUCTANCE VALUE
INDUCTANCE TOLERANCE
PACKAGE CODE
JEDEC LEAD (Pb)-FREE STANDARD
GLOBAL PART NUMBER INFORMATION
1
MODEL
00
K
R
E
2
0
M
I
PACKING
CODE
INDUCTANCE
VALUE
TOL.
S



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com