Electronic Components Datasheet Search
  English  ▼

X  

IXFC96N15P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFC96N15P
Description  PolarHT HiPerFET Power MOSFET ISOPLUS220
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFC96N15P Datasheet(HTML) 1 Page - IXYS Corporation

  IXFC96N15P Datasheet HTML 1Page - IXYS Corporation IXFC96N15P Datasheet HTML 2Page - IXYS Corporation IXFC96N15P Datasheet HTML 3Page - IXYS Corporation IXFC96N15P Datasheet HTML 4Page - IXYS Corporation IXFC96N15P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2006 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 175°C
150
V
V
DGR
T
J
= 25
°C to 175°C; R
GS = 1 MΩ
150
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C42
A
I
DM
T
C = 25°C, pulse width limited by TJM
250
A
I
AR
T
C = 25°C60
A
E
AR
T
C = 25°C40
mJ
E
AS
T
C = 25°C
1.0
J
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/μs, VDD ≤ VDSS,
10
V/ns
T
J
≤ 175°C, R
G = 4 Ω
P
D
T
C = 25°C
120
W
T
J
-55 ... +175
°C
T
JM
175
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.062 in.) from case for 10 s
300
°C
F
C
Mounting force
11...65/2.4...11
N/lb
V
ISOL
50/60 Hz, 1 minute
2500
~V
Weight
3g
DS99240E(03/06)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0 V, ID = 250 μA
150
V
V
GS(th)
V
DS
= V
GS, ID = 4 mA
3.0
5.0
V
I
GSS
V
GS = ±20 VDC, VDS = 0
±100
nA
I
DSS
V
DS
= V
DSS
25
μA
V
GS = 0 V
T
J = 150 °C
300
μA
R
DS(on)
V
GS = 10 V, ID = 48 A, Note 1
26
m
Ω
Pulse test, t
≤ 300 μs, duty cycle d ≤ 2 %
V
DSS
= 150
V
I
D25
=42
A
R
DS(on) =26 mΩ
Ω
Ω
Ω
Ω
t
rr
< 200
ns
IXFC 96N15P
Features
Silicon chip on Direct-Copper-Bond
substrate
- High power dissipation
- Isolated mounting surface
- 2500V electrical isolation
Low drain to tab capacitance(<35pF)
Low R
DS (on) HDMOS
TM process
Rugged polysilicon gate cell structure
Unclamped Inductive Switching (UIS)
rated
Fast intrinsic Rectifier
Applications
DC-DC converters
Battery chargers
Switched-mode and resonant-mode
power supplies
DC choppers
AC motor control
Advantages
Easy assembly: no screws, or isolation
foils required
Space savings
High power density
Low collector capacitance to ground
(low EMI)
PolarHTTM HiPerFET
Power MOSFET
ISOPLUS220TM
(Electrically Isolated Back Surface)
N-Channel Enhancement Mode
Fast Recovery Diode, Avalanche Rated
G = Gate
D = Drain
S = Source
G
D
S
ISOPLUS 220TM
E153432
Isolated back surface*


Similar Part No. - IXFC96N15P

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFC96N15P ISC-IXFC96N15P Datasheet
323Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXFC96N15P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN180N15P IXYS-IXFN180N15P Datasheet
151Kb / 5P
PolarHT HiPerFET Power MOSFET
IXFC52N30P IXYS-IXFC52N30P_08 Datasheet
151Kb / 5P
PolarHT Power MOSFET HiPerFET
IXFC74N20P IXYS-IXFC74N20P Datasheet
125Kb / 5P
PolarHT HiPerFET Power MOSFET ISOPLUS220
IXFH52N30P IXYS-IXFH52N30P Datasheet
190Kb / 5P
PolarHT Power MOSFET HiPerFET
IXFH96N20P IXYS-IXFH96N20P Datasheet
231Kb / 5P
PolarHT HiPerFET Power MOSFET
IXFH110N10P IXYS-IXFH110N10P Datasheet
314Kb / 5P
PolarHT HiPerFET Power MOSFET
IXFK102N30P IXYS-IXFK102N30P Datasheet
138Kb / 2P
PolarHT HiPerFET Power MOSFET
IXFK140N20P IXYS-IXFK140N20P Datasheet
231Kb / 5P
PolarHT HiPerFET Power MOSFET
IXFN140N20P IXYS-IXFN140N20P Datasheet
98Kb / 5P
PolarHT HiPerFET Power MOSFET
IXFR102N30P IXYS-IXFR102N30P Datasheet
157Kb / 5P
PolarHT HiPerFET Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com