Electronic Components Datasheet Search
  English  ▼

X  

IXTK102N30P Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXTK102N30P
Description  PolarHT Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTK102N30P Datasheet(HTML) 3 Page - IXYS Corporation

  IXTK102N30P Datasheet HTML 1Page - IXYS Corporation IXTK102N30P Datasheet HTML 2Page - IXYS Corporation IXTK102N30P Datasheet HTML 3Page - IXYS Corporation IXTK102N30P Datasheet HTML 4Page - IXYS Corporation IXTK102N30P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2006 IXYS All rights reserved
IXTK 102N30P
Fig. 2. Exte nde d Output Characte ris tics
@ 25
ºC
0
25
50
75
100
125
150
175
200
225
250
02
46
8
10
12
14
16
18
20
V DS - Volts
VGS = 10V
9V
7V
6V
8V
5V
Fig. 3. Output Characte ris tics
@ 125
ºC
0
10
20
30
40
50
60
70
80
90
100
110
01234
56789
V DS - Volts
VGS = 10V
9V
8V
5V
6V
7V
Fig. 1. Output Characte ris tics
@ 25
ºC
0
10
20
30
40
50
60
70
80
90
100
110
00.5
11.5
2
2.533.5
4
V DS - Volts
VGS = 10V
9V
8V
7V
6V
5V
Fig. 4. RDS(on) Norm alized to 0.5 ID25
V alue vs . Junction Te m pe rature
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
ID = 102A
ID = 51A
V
GS = 10V
Fig. 6. Drain Curre nt vs . Cas e
Te m pe rature
0
10
20
30
40
50
60
70
80
90
-50
-25
0
25
50
75
100
125
150
TC - Degrees Centigrade
External Lead Current Limit
Fig. 5. RDS(on) Norm alized to
0.5 ID25 Value vs. ID
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
0
25
50
75
100 125 150 175 200 225 250
ID - Amperes
T
J = 125ºC
TJ = 25ºC
VGS = 10V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com