Electronic Components Datasheet Search
  English  ▼

X  

LMH6583 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6583
Description  16x8 500 MHz Analog Crosspoint Switch, Gain of 1/Gain of 2
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6583 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMH6583 Datasheet HTML 1Page - National Semiconductor (TI) LMH6583 Datasheet HTML 2Page - National Semiconductor (TI) LMH6583 Datasheet HTML 3Page - National Semiconductor (TI) LMH6583 Datasheet HTML 4Page - National Semiconductor (TI) LMH6583 Datasheet HTML 5Page - National Semiconductor (TI) LMH6583 Datasheet HTML 6Page - National Semiconductor (TI) LMH6583 Datasheet HTML 7Page - National Semiconductor (TI) LMH6583 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
S
±6.2V
I
IN (Input Pins)
±20mA
I
OUT
(Note 3)
Input Voltage Range
V
− to V+
Maximum Junction Temperature
+150˚C
Storage Temperature Range
−65˚C to +150˚C
Soldering Information
Infrared or Convection (20 sec.)
235˚C
Wave Soldering (10 sec.)
260˚C
ESD Tolerance (Note 5)
Human Body Model
2000V
Machine Model
200V
Operating Ratings (Note 1)
Operating Temperature
−40˚C to
+85˚C
Supply Voltage Range
±3V to
±5.5V
Thermal Resistance
θ
JA
θ
JC
64–Pin Exposed Pad
TQFP
27˚C/W
0.82˚C/W
±5V Electrical Characteristics (Note 2)
Unless otherwise specified, typical conditions are: T
A= 25˚C, AV = +2, VS = ±5V, RL = 100
Ω; Boldface limits apply at the tem-
perature extremes.
Symbol
Parameter
Conditions
Min
(Note 8)
Typ
(Note 7)
Max
(Note 8)
Units
Frequency Domain Performance
SSBW
-3dB Bandwidth
V
OUT =0.5VPP(Note 11)
500
MHz
LSBW
V
OUT =2VPP
425
GF
0.1dB Gain Flatness
V
OUT =2VPP
80
MHz
DG
Differential Gain
R
L =150
Ω, 3.58MHz/4.43MHz
%
DP
Differential Phase
R
L = 150
Ω, 3.58MHz/4.43MHz
deg
Time Domain Response
t
r
RiseTime
0.5V Step, 10% to 90%
ns
2V Step, 10% to 90%
1
ns
t
f
Fall Time
0.5V Step, 10% to 90%
ns
2V Step, 10% to 90%
1
ns
OS
Overshoot
2V Step
5
%
SR
Slew Rate
6V
PP, 10% to 90% (Note 6)
3000
V/µs
t
s
Settling Time
4V Step, V
outwithin 0.1%
ns
Distortion And Noise Response
HD2
2
nd Harmonic Distortion
2V
PP, 5MHz
dBc
HD3
3
rd Harmonic Distortion
2V
PP, 5MHz )
dBc
e
n
Input Referred Voltage Noise
>1MHz
7
nV/
i
n
Input Referred Noise Current
>1MHz
2
pA/
Switching Time
ns
XTLK
CrossTalk
All Hostile, f=100MHz
−50
dBc
ISOL
Off Isolation
f=100MHz
−65
dBc
Static, DC Performance
A
V
Gain
LMH6582
0.989
0.99
0.991
A
V
Gain
LMH6583
1.98
2.00
2.02
V
os
Output Offset Voltage
±7mV
TCV
os
Output Offset Voltage Average
Drift
(Note 10)
µV/˚C
I
B
Input Bias Current
Non-Inverting (Note 9)
−7
µA
TCI
B
Input Bias Current Average Drift
Non-Inverting (Note 10)
nA/˚C
V
O
Output Voltage Range
R
L = 100
Ω
±3.5
V
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com