Electronic Components Datasheet Search
  English  ▼

X  

AC04020 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AC04020
Description  LAWN MOWER BLADE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AC04020 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AC04020 Datasheet HTML 1Page - List of Unclassifed Manufacturers AC04020 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LAWN MOWER BLADE
AC04020/AC04021/AC04145
For use with RYOBI® 40 Volt
20 in. Lawn Mower ONLY
991000488
2-3-17 (REV:03)
WARNING!
To reduce the risk of injury, user
must read and understand the
operator’s manual for their lawn
mower and this instruction sheet.
Always wear eye protection with
side shields marked to comply with
ANSI Z87.1. Ensure compatibility
and fit before using this accessory.
Do not use this accessory if a part
is damaged or missing. If you are
not comfortable performing any of
the functions described in these
instructions, take your unit to a
qualified service center.
WARNING:
Always protect hands by wearing
heavy gloves and/or wrapping the
cutting edges of the blade with rags
and other material when performing
blade maintenance. Contact with
the blade could result in serious
personal injury.
REPLACING THE CUTTING
BLADE
See Figures 1 - 2.
Stop the motor and remove the
fuse key. Allow blade to come to a
complete stop.
Remove the battery pack.
Turn the mower on its side.
 Wedge a block of wood between
the blade and mower deck to pre-
vent the blade from turning.
Loosen the blade nut by turning it
counterclockwise (as viewed from
bottom of mower) using a 15 mm
wrench or socket (not provided).
Remove the blade nut, spacer, blade
insulator, and blade.
 Make certain the blade carrier is
pushed completely against the mo-
tor shaft.
Fig. 1
Place the new blade on the shaft
against the blade carrier. Ensure
blade is properly seated with shaft
going through center blade hole and
the two blade posts inserted into
their respective holes on the blade.
Make sure it is installed with the
curved ends pointing up toward the
mower deck and not down toward
the ground. When seated properly,
the blade should be flat against the
blade carrier.
Replace the blade insulator and
spacer, then thread the blade nut
on the shaft and finger tighten.
NOTE: Make certain all parts are
replaced in the exact order in which
they were removed.
Torque the blade nut down
clockwise using a torque wrench
(not provided) to ensure the bolt
is properly tightened. The recom-
mended torque for the blade nut is
350-400 in. lbs.
A - Blade (lame, hoja)
B - Wrench (clé, llave)
C - Block of wood (pièce de bois, bloque de
madera)
A
B
C
Fig. 2
A - Blade carrier (support de la lame, soporte
de la hoja)
B - Shaft (arbre, eje)
C - Blade (lame, hoja)
D - Blade insulator (isolant de lame, aislante
de hoja)
E - Spacer (entretoise, separador)
F - Blade nut (écrou de lame, tuerca de la
hoja)
G - Blade posts (tiges pour lame, montantes
de cuchilla)
G
G
F
E
C
D
A
B
B
G
G
CALIFORNIA
PROPOSITION 65
WARNING:
This product and substances that
may become airborne from its use
may contain chemicals, including
lead, known to the State of Califor-
nia to cause cancer, birth defects,
or other reproductive harm.
Wash
hands after handling.
TECHTRONIC INDUSTRIES POWER EQUIPMENT
1428 Pearman Dairy Road
Anderson, SC 29625 USA
1-800-860-4050
www.ryobitools.com
NOTE: For purposes of the illustrations in this manual, only standard replacement blades are shown. However, bagging
blades would install in the same way.


Similar Part No. - AC04020

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AC0402 YAGEO-AC0402 Datasheet
345Kb / 11P
THICK FILM CHIP RESISTORS Automotive grade
AC0402 YAGEO-AC0402 Datasheet
312Kb / 10P
THICK FILM CHIP RESISTORS Automotive grade
AC0402 YAGEO-AC0402 Datasheet
455Kb / 12P
THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
Mar. 19,2021 V.8
AC0402 YAGEO-AC0402 Datasheet
397Kb / 12P
THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
Jan. 04, 2023 V.10
AC0402 YAGEO-AC0402 Datasheet
414Kb / 12P
THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
Aug. 02, 2022 V.9
More results

Similar Description - AC04020

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0257030.PXPV LITTELFUSE-0257030.PXPV Datasheet
175Kb / 2P
Blade Fuses
logo
NTE Electronics
R51-1D70-12F NTE-R51-1D70-12F Datasheet
1Mb / 2P
50 Amp and 70 Amp, SPST and SPDT Relays for use in Automotive/Marine/Tractor/Lawn Mower/Rec. Vehicles/Golf Cart Applications.
logo
CUI INC
SMI-AU-1 CUI-SMI-AU-1 Datasheet
230Kb / 2P
AUSTRALIA BLADE
logo
Eaton All Rights Reserv...
ATC EATON-ATC Datasheet
477Kb / 4P
Blade fuses
logo
SHENZHEN FUMAN ELECTRON...
SC1803DH FUMAN-SC1803DH Datasheet
254Kb / 3P
Solar lawn light
logo
CUI INC
SMI-AU-5 CUI-SMI-AU-5 Datasheet
176Kb / 2P
AUSTRALIA BLADE
logo
QX Micro Devices Co.,Lt...
QX5252 QXMD-QX5252 Datasheet
1Mb / 2P
Efficient solar LED lawn light driver
logo
Shanghai Yuxin Electron...
YX8051 SHININGIC-YX8051 Datasheet
595Kb / 9P
Solar lawn light controller
May 2015 - REVISED Apr 2017
logo
List of Unclassifed Man...
YX8050 ETC-YX8050 Datasheet
339Kb / 2P
Solar lawn light controller
Ver 1.0
YX8052F ETC-YX8052F Datasheet
426Kb / 2P
Solar lawn light controller
Ver 1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com