Electronic Components Datasheet Search
  English  ▼

X  

600600 Datasheet(PDF) 65 Page - List of Unclassifed Manufacturers

Part # 600600
Description  Contacts
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

600600 Datasheet(HTML) 65 Page - List of Unclassifed Manufacturers

Back Button 600600 Datasheet HTML 60Page - List of Unclassifed Manufacturers 600600 Datasheet HTML 61Page - List of Unclassifed Manufacturers 600600 Datasheet HTML 62Page - List of Unclassifed Manufacturers 600600 Datasheet HTML 63Page - List of Unclassifed Manufacturers 600600 Datasheet HTML 64Page - List of Unclassifed Manufacturers 600600 Datasheet HTML 65Page - List of Unclassifed Manufacturers 600600 Datasheet HTML 66Page - List of Unclassifed Manufacturers 600600 Datasheet HTML 67Page - List of Unclassifed Manufacturers 600600 Datasheet HTML 68Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 65 / 68 page
background image
Amphenol
65
CONTACT AND CABLE SELECTION GUIDE
COAXIAL SOCKET
Cable
Impedance Contact Size
Standard
P/N
Impedance
Match
Most Appropriate
Connector
Contact
Size vs
Cable
Frequency
MIL-DTL-38999
EN3645
EN4165
Series
I
Series
II
Series
III
Standard Series
III
TFLEX-405
50
12
*
600928
65GHz
X
X
X
X
X
X
X
8
600926
18GHz
X
X
X
X
8
600580
26,5GHz
X
X
X
X
8
*
600925
40GHz
X
X
X
X
X
Filotex ET124962
50
12
M39029/102
900395
X
X
X
X
X
PAN6422XQ
50
12
600916
X
X
X
X
X
Belden RG59 0,8/3,7
75
6
600715
X
X
X
X
X
Draka HD PRO
0,8/3,7 AF
75
6
600715
X
X
X
X
X
Haveg 61-02051
16
900187
X
X
16
603247
X
X
X
Haveg 8100207
16
* M39029/78-432
077987
X
X
X
16
* M39029/77-428
070248
X
X
X
X
12
M39029/27-210
900354
X
X
12
M39209/75-416
900350
X
X
X
Grun 0,6/3,7
75
6
600715
X
X
X
X
Gore GWN1159A
12
900429
X
X
12
900075
X
X
X
Gore CXN3403
12
600917
X
X
X
X
X
X
Times AA3248
16
* M39029/78-432
077987
X
X
X
16
* M39029/77-428
070248
X
X
X
X
12
M39029/27-210
900354
X
X
12
M39209/75-416
900350
X
X
X
8
900145
X
X
X
X
Times LMR-195-UF
8
600911
X
X
X
X
Teledyne 11299
16
M39029/78-432
077987
X
X
X
16
M39029/77-428
070248
X
X
X
X
12
M39029/27-210
900354
X
X
12
M39209/75-416
900350
X
X
X
8
900145
X
X
X
X
Raychem
5021D13311-0
8
600914
X
X
X
X
Raychem
5021D1331-0
50
8
600912
X
X
X
X
Raychem
5022E5111
12
900425
X
X
12
900421
X
X
X
Raychem
7527A1318
75
16
*
M39029/78-432
077587
X
X
X
16
* M39029/77-428
070248
X
X
X
X
12
M39029/27-210
900354
X
X
12
M39209/75-416
900350
X
X
X
Raychem
7528H1424
12
M39029/27-210
900354
X
X
12
M39209/75-416
900350
X
X
X
Raychem 9528A1318
95
12
*
900420
X
X
X
12
*
900430
X
X
X
X
8
M39029/59-366
900140
X
X
X
X
Raychem 9530A5314
95
12
900427
X
X
12
900422
X
X
X
X
Tensolite 28895/2X1
8
600910
X
X
X
X
ESC432101
8
600913
X
X
X
X
ECS3C058A
8
900148
X
X
X
X
ECS352001
8
900148
X
X
X
X
ECS432101
8
900148
X
X
X
X
PIC V75268
8
600836
X
X
X
X
X
PIC V75248
8
600836
X
X
X
X
X
PIC V75261
8
600836
X
X
X
X
X
PIC V73263
8
600836
X
X
X
X
X
EMTQ TFLX 125-
075-01
8
600836
X
X
X
X
X
Contact and Cable Selection Guide
Contact and Cable Selection Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com