Electronic Components Datasheet Search
  English  ▼

X  

LU1010DA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LU1010DA
Description  High Performance N-Channel POWERJFET with PN Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LU1010DA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LU1010DA Datasheet HTML 1Page - List of Unclassifed Manufacturers LU1010DA Datasheet HTML 2Page - List of Unclassifed Manufacturers LU1010DA Datasheet HTML 3Page - List of Unclassifed Manufacturers LU1010DA Datasheet HTML 4Page - List of Unclassifed Manufacturers LU1010DA Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Thermal Resistance
Symbol
Parameter
DPAK
Ratings
Units
R
ΘJA
Thermal Resistance Junction-to-Ambient
80
°C/W
R
ΘJC
Thermal Resistance Junction-to-Case
1.56
°C/W
Electrical Specifications
(TA = +25°C, unless otherwise noted.)
The
φ denotes a specification which apply over the full operating temperature range.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Static
BVDSX
Breakdown Voltage
Drain to Source
ID = 0.5 mA
VGS= -4 V
24
28
V
BVGDO
Breakdown Voltage
Gate to Drain
IG = -50µA
-32
-28
V
BVGSO
Breakdown Voltage
Gate to Source
IG = -50µA
-14
-12
V
RDS(ON)
Drain to Source On
Resistance2
IG = 40 mA, ID=10A
IG = 10 mA, ID=10A
IG = 5 mA, ID=10A
3.7
3.8
3.9
4.5
5.0
m
Ω
m
Ω
VGS(TH)
Gate Threshold Voltage
VDS=0.1 V, ID=250µA
-1
V
TCVGSTH
Temperature Coefficient of
Gate Threshold Voltage
VDS=0.1 V, ID=250µA
-2.8
mV/oC
Dynamic
QGsync
Total Gate Charge Sync JFET
∆VDrive =5V,VDS=0.1V
12.6
nC
QG
Total Gate Charge
∆VDrive =5V, ID=10A,VDS=15V
15
nC
QGD
Gate to Drain Charge
VDS=13.5V to VDS=1.5V
10.5
nC
QGS
Gate to Source Charge
VGS =-4.5V to VDS=13.5V
4.5
nC
QSW
Switching Charge
VGS =-2V to VDS=1.5V
11.4
nC
RG
Gate Resistance
0.4
Ω
TD(ON)
Turn-on Delay Time
6.7
TR
Rise Time
12.4
TD(OFF)
Turn-off Delay
9
TF
Fall Time
VDD=15V, ID=10A
VDrive = 5 V
Resistive Load
4.6
ns
CISS
Input Capacitance
1465
COSS
Output Capacitance
611
CGS
Gate-Source Capacitance
972
CGD
Gate-Drain Capacitance
493
CDS
Drain-Source Capacitance
VDS=10V, VGS= -5 V, 1MHz.
118
pF
PN Diode
IR
Reverse Leakage
VR=20V, Vgs = -4V
0.3
mA
VF
Forward Voltage
IF = 1 A
800
mV
VF
Forward Voltage
IF = 10 A
900
mV
VF
Forward Voltage
IF = 20 A
960
mV
Qrr
Reverse Recovery Charge
Is = 10 A di/dt = 100A/us,
9.5
nC
Trr
Reverse Recovery Time
Is = 10 A di/dt = 100A/us,
14.6
ns
Notes:
1. Current is limited by bondwire; with an Rthjc = 1.56 oC/W the chip is able to carry 102A.
2. Pulse width <= 500µs, duty cycle < = 2%
Lovoltech, Inc. - 3970 Freedom Circle - Santa Clara, CA 95054 -USA
Tel. 1 408 654 1980 Fax 1 408 654 1988 www.lovoltech.com
LD1010DA
Product Specification
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com