Electronic Components Datasheet Search
  English  ▼

X  

MP002446 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MP002446
Description  USB Type C Sealed Connector, Cable Assembly and Dust Cap
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MP002446 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  MP002446 Datasheet HTML 1Page - List of Unclassifed Manufacturers MP002446 Datasheet HTML 2Page - List of Unclassifed Manufacturers MP002446 Datasheet HTML 3Page - List of Unclassifed Manufacturers MP002446 Datasheet HTML 4Page - List of Unclassifed Manufacturers MP002446 Datasheet HTML 5Page - List of Unclassifed Manufacturers MP002446 Datasheet HTML 6Page - List of Unclassifed Manufacturers MP002446 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Page <6>
V1.1
08/12/20
USB Type C Sealed Connector,
Cable Assembly and Dust Cap
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
No.
Part Name
Material/Finish
Qty.
5
USB Type C 3.1
Housing: Thermoplastic; Colour: Black
1
Contacts: Copper Alloy, Finish: Au Plated
Shell: Stainless Steel, Finish: Au Plated
6
Over Mold
PVC; Colour: Black
7
Glue
Epoxy; Colour: Black
-
8
Shrink Tube
L=20mm, Heat Shrink Tube ‘With Adhesive Lined
Colour: Black
1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com