Electronic Components Datasheet Search
  English  ▼

X  

MPS650 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MPS650
Description  Exterior Perimeter Light
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MPS650 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MPS650 Datasheet HTML 1Page - List of Unclassifed Manufacturers MPS650 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2645 Federal Signal Drive, University Park, IL 60484
www.fedsig.com
800.466.6809
MicroPulse is a trademark of Federal Signal Corporation.
©2021-2022 Federal Signal Corporation. M4065 | 422
WARRANTY
YEARS
55
HOW TO ORDER
SPECIFICATIONS
MICROPULSE 6, SINGLE-COLOR, SURFACE MOUNT, 12/24 VDC
MPS600-AA
(6) Amber LEDs, Clear lens
MICROPULSE 6, SINGLE-COLOR , HOOD/GRILLE MOUNT, 12/24 VDC
MPS650-AA
(6) Amber LEDs, Clear lens
MPS650-BB
(6) Blue LEDs, Clear lens
MPS650-RR
(6) Red LEDs, Clear lens
MPS650-WW
(6) White LEDs, Clear lens
MICROPULSE 6, DUAL-COLOR, HOOD/GRILLE MOUNT, 12/24 VDC
MPS652-BR
(6) Blue LEDs, (6) Red LEDs, Clear lens
MPS652-BW
(6) Blue LEDs, (6) White LEDs, Clear lens
MPS652-RW
(6) Red LEDs, (6) White LEDs, Clear lens
MPS652-WA
(6) White LEDs, (6) Amber LEDs, Clear lens
MICROPULSE 6 BRACKETS
MPSM6-LB
Generic L-bracket for (1) MPS600 light
MPSM6-DS
Generic L-bracket for (2) MPS600 lights stacked
MPSM6-DL
Generic L-bracket for (2) MPS600 lights
side-by-side
MPSM6-SB
Swivel mount bracket for (1) MPS600 light
MPSM6-SPACRKT
Kit of (4) 5-degree rubber mounting wedges
for use with MPS600 lights
MPSM650-SPACRKT Kit of (4) 5-degree rubber mounting wedges
for use with (2) MPS650 lights
OPERATING VOLTAGE
12/24 Vdc
CURRENT DRAW
0.55 A @ 12 Vdc
0.26 A @ 24 Vdc
OPERATING TEMP.
-40˚ to +176˚ F (-40˚ to +80˚ C)
PHYSICAL SPECIFICATIONS
HOOD MOUNT
SURFACE MOUNT
LENGTH
4.2 in (10.8 cm)
5.0 in (12.7 cm)
WIDTH
1.7 in (4.3 cm)
0.7 in (1.7 cm)
HEIGHT
0.9 in (2.4 cm)
1.1 in (2.8 cm)
SHIP WEIGHT
0.75 lb (0.34 kg)
MPSM6-LB
MPSM6-DS
MPSM6-DL
MPSM6-SB
MICROPULSE 6 BRACKETS
MPSM6-SPACRKT
MPSM650-SPACRKT
Mounting
Gasket
Light head
4.7 in
11.9 cm
.15in 0.4 cm
.71in 1.8 cm
5.0 in
12.7 cm
1.1 in
2.8 cm
0.3 in
(0.8 cm)
1.5 in
(3.8 cm)
1.8 in
(4.6 cm)
0.3 in
(0.8 cm)
0.6 in (1.5 cm)
1.1 in (2.8 cm)
0.9 in (2.3 cm)
0.5 in (1.3 cm)
1.6 in
(4.1 cm)
4.2 in (10.7 cm)
2.5 in (6.4 cm)
3.9 in (9.9 cm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com