Electronic Components Datasheet Search
  English  ▼

X  

H7CC Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # H7CC
Description  Digital Counter/Tachometer
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CC Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button H7CC Datasheet HTML 3Page - Omron Electronics LLC H7CC Datasheet HTML 4Page - Omron Electronics LLC H7CC Datasheet HTML 5Page - Omron Electronics LLC H7CC Datasheet HTML 6Page - Omron Electronics LLC H7CC Datasheet HTML 7Page - Omron Electronics LLC H7CC Datasheet HTML 8Page - Omron Electronics LLC H7CC Datasheet HTML 9Page - Omron Electronics LLC H7CC Datasheet HTML 10Page - Omron Electronics LLC H7CC Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
H7CC-A
@
7
Applicable Standards
I/O Functions
Using as a Counter*1
*1. For information on operation of I/O functions, refer to pages page 24 to page 29.
*2. In increment mode or increment/decrement mode, the present value returns to 0; in decrement mode, the present value returns to the set value
with 1-stage models, and returns to set value 2 with 2-stage models.
*3. Reset operates as described in the following table. (The reset indicator will not be lit.)
• The following table shows the delay from when the reset signal is input until the output is turned OFF. (Reference values)
Operating Procedures (Tachometer Function)
Inputs
CP1, CP2
(1) In general (except for Dual Counter Mode)
• Reads counting signals.
• Increment, decrement, increment/decrement (command/individual/quadrature) inputs accepted.
(2) When used as a dual counter or twin counter
• Reads CP1 count signals with CP1 input and CP2 count signals with CP2 input.
• Increment signals can be input.
Reset/reset 1
(1) In general (except for Dual Counter Mode)
• Resets present value and outputs (OUT2 when using the batch counter)
*2.
• Counting cannot be performed during reset/reset 1 input.
• Reset indicator is lit while reset input is ON.
(2) When used as a dual counter or twin counter.
• Resets the CP1 present value (to 0).
• Counting for CP1 input cannot be performed while the reset 1 input is ON.
• The reset indicator is lit while the reset 1 input is ON.
Total reset or reset 2
The reset function depends on the selected configuration
*3.
Outputs
OUT1, OUT2
Outputs signals according to the specified output mode when a set value is reached.
Configuration
Reset operation
1-stage/2-stage preset counter
Does not operate (not used).
Total and preset counter
• Resets the total count value.
• The total count value is held at 0 while the total reset input is ON.
Batch counter
• Resets the batch count value and batch output (OUT1).
• The batch count value is held at 0 while the reset 2 input is ON.
Dual counter
• Resets the CP2 present value.
• Counting for CP2 input cannot be performed while the reset 2 input is ON.
Twin counter
• Resets the CP2 present value.
Minimum reset signal width
Output delay time
Relay output
Transistor output
1 ms
3.7 to 6.6 ms
0.58 to 0.78 ms
20 ms
17.0 to 19.8 ms
13.7 to 17.2 ms
Inputs
CP1, CP2
Reads counting signals. (The CP2 input can be used when the input mode is not 1-input mode.)
Reset 1/reset 2
• Holds the measurement value and outputs. (The reset 2 input can be used when the input mode is 2-input independent measurement.)
• Functions as a hold input.
The measurement value (displayed value) and the outputs are held while the RST Key on the front panel is pressed.
• The hold indicator is lit when the value is being hold.
Outputs
OUT1, OUT2
Outputs signals according to the specified output mode when a set value is reached.
Approved
safety
standards
cULus (or cURus): UL508/CSA C22.2 No. 14
*1
EN 61010-1 (IEC 61010-1): Pollution degree 2/overvoltage category II
EAC
RCM
B300 PILOT DUTY
1/4 HP 120 VAC, 1/3 HP, 240 VAC, 3 A, 250 VAC/30 VDC resistive load
VDE0106/part100
EMC
(EMI)
EN61326-1
*2
Emission Enclosure:
EN 55011 Group 1 class A
Emission AC mains:
EN 55011 Group 1 class A
(EMS)
EN61326-1
*2
Immunity ESD:
EN 61000-4-2:
4 kV contact discharge;
8 kV air discharge
Immunity RF-interference:
EN 61000-4-3:
10 V/m (Amplitude-modulated, 80 MHz to 1 GHz)
3 V/m (Amplitude-modulated, 1.4 G to 2 GHz)
1 V/m (Amplitude-modulated, 2 G to 2.7 GHz)
10 V/m (Pulse-modulated, 900 MHz ±5 MHz)
Immunity Conducted Disturbance:
EN 61000-4-6:
10 V (0.15 to 80 MHz)
Immunity Burst:
EN 61000-4-4:
2 kV power-line;
1 kV I/O signal-line
Immunity Surge:
EN 61000-4-5:
1 kV line to lines (power and output lines);
2 kV line to ground (power and output lines)
Immunity Voltage Dip/Interruption: EN 61000-4-11: Voltage Dip
1 cycle, 100% (rated voltage)
10/12 cycle 60% (rated voltage)
25/30 cycle 30% (rated voltage)
Interruption
250/300 cycle 100% (rated voltage)
*1. The following safety standards
apply to models with sockets
(H7CC-A11
@/H7CC-A8@).
cUL (Listing):
Applicable when an OMRON
P2CF(-E) Socket is used.
cUR (Recognition):
Applicable when any other
socket is used.
*2. Industrial electromagnetic
environment (EN/IEC 61326-1
Table 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com