Electronic Components Datasheet Search
  English  ▼

X  

M50FF3 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # M50FF3
Description  5,000 V - 16,000 V Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

M50FF3 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  M50FF3 Datasheet HTML 1Page - List of Unclassifed Manufacturers M50FF3 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
84
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
020
40
60
80
100
Reverse Bias Voltage (V)
0
20
40
60
80
100
120
140
25
50
75
100
125
150
Temperature (C)
0
10
20
30
40
50
60
70
80
0.0
0.1
0.2
0.3
0.4
0.5
Forward Current (A)
0
5
10
15
20
25
30
35
40
45
50
0.0
0.1
0.2
0.3
0.4
0.5
Forward Current (A)
0
1
2
3
4
0
25
50
75
100
125
150
175
Lead Temperature (C)
0.1
1.0
10.0
100.0
1000.0
25
50
75
100
125
150
Temperature (C)
M160FF3/5
M100FF3/5
L=0.000"
L=0.100"
L=0.200"
L=0.300"
L=0.400"
L=0.500"
REVERSE CURRENT
VS. TEMPERATURE AT Vrwm
TYPICAL REVERSE RECOVERY TIME
VS. TEMPERATURE
POWER DERATING
M50FF3 M100FF3 M160FF3 M50FF5 M100FF5 M160FF5
TYPICAL JUNCTION CAPACITANCE
VS. REVERSE VOLTAGE AT 25°C
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
M50FF3/5
M100FF3/5
M160FF3/5
M50FF3/5
Lead Temperature (°C)
Temperature (°C)
Temperature (°C)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com