Electronic Components Datasheet Search
  English  ▼

X  

900010 Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # 900010
Description  Contacts
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

900010 Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button 900010 Datasheet HTML 38Page - List of Unclassifed Manufacturers 900010 Datasheet HTML 39Page - List of Unclassifed Manufacturers 900010 Datasheet HTML 40Page - List of Unclassifed Manufacturers 900010 Datasheet HTML 41Page - List of Unclassifed Manufacturers 900010 Datasheet HTML 42Page - List of Unclassifed Manufacturers 900010 Datasheet HTML 43Page - List of Unclassifed Manufacturers 900010 Datasheet HTML 44Page - List of Unclassifed Manufacturers 900010 Datasheet HTML 45Page - List of Unclassifed Manufacturers 900010 Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 68 page
background image
Amphenol
42
QUADRAX CONTACTS
MIL-DTL-38999 SERIES III / EN3645 / EN4165
FEATURES AND BENEFITS
MATERIALS AND FINISH
TYPICAL QUADRAX CABLE
TYPICAL QUADRAX CABLE
Quadrax Contacts
Quadrax Contacts
Amphenol® Quadrax Contacts -Offer several advantages for high data transfer rates, low
power consumption and excellent EMI compatibility:
Four strategically spaced inner contacts form two 100 or 150 Ohm matched impedance
differential pairs
Outer contact has rugged wall section for durability
Available in size 8 crimp termination style
Also available in size 8 with PC tails
Requires modification of MIL-DTL-38999 connector to accommodate keyed contacts
Body: Copper alloy
Finish: Gold over nickel on mating parts
Insulators: High Performance Fluorocarbon or equivalent
1 – 4 Center conductor
2 – 4 Insulation
3 – Braid
4 – Jacket
Bandwidth: Up to 1.25 GHz
Data Rate: Exceeding 2.5 Gbps.
Voltage Rating: 500 Vrms max. @ sea level
Dielectric Withstanding Voltage:
1000 VAC rms between all inner contacts @ sea level
500 VAC rms between innerand outer contacts @ sea level
1
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com