Electronic Components Datasheet Search
  English  ▼

X  

900025 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # 900025
Description  Contacts
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

900025 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button 900025 Datasheet HTML 17Page - List of Unclassifed Manufacturers 900025 Datasheet HTML 18Page - List of Unclassifed Manufacturers 900025 Datasheet HTML 19Page - List of Unclassifed Manufacturers 900025 Datasheet HTML 20Page - List of Unclassifed Manufacturers 900025 Datasheet HTML 21Page - List of Unclassifed Manufacturers 900025 Datasheet HTML 22Page - List of Unclassifed Manufacturers 900025 Datasheet HTML 23Page - List of Unclassifed Manufacturers 900025 Datasheet HTML 24Page - List of Unclassifed Manufacturers 900025 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
Amphenol
21
Amphenol
MIL-DTL-38999 SERIES II
EN4165 SERIES
Contact
Size
Cable
Contact Part Number
Crimping Tools
Pin
Socket
Proprietary
Standard
Proprietary
Standard
Inner contact
Crimp ferrule
16
RG-178B/U, RG-196A/U
070575
M39029/76-425
070574
M39029/78-433
M22520/2-01
with Positioner
M22520/2-35
or with
Daniels Positioner
K532
M22520/4-01
with Positioner
M22520/4-02
HAVEG 30-00761, 30-02024,
30-02033
TENSOLITE
24713/A955KK1, 26723/
A955KK1
900309
900310
HAVEG 61-02051
900186
900187
RG-174A/U, RG-188A/U,
RG-161/U,
RG-187A/U, RG-316/U,
RG-179B/U,
HAVEG 8100207, TIMES
(HS-179)
AA3248, TELEDYNE 11299,
RAYCHEM 7528H1424
071094
M39029/76-424
077987
M39029/78-432
Contact
Size
Cable
Contact Part Number
Crimping Tools
Pin
Socket
Proprietary
Standard
Proprietary
Standard
Inner contact
Crimp ferrule
12
RG-174A/U, RG-188A/U,
RG-161/U,
RG-187A/U, RG-316/U,
RG-179B/U,
Haveg 8100207, Times
(HS-179)
AA3248, Teledyne 11299,
Raychem 7528H1424
900340
M39029/28-211
900354
M39029/27-210
M22520/2-01 with
Positioner
M22520/2-34 or
with Daniels
Positioner K323
M22520/31-01
with Positioner
M22520/31-02
or
Daniels GS200
Tool
with Positioner
G2P330
RG-180B/U, RG-195A/U,
Raychem 9528A1318
900341
M39029/28-409
900286
M39029/27-402
Raychem 5022E5111
900424
900425
Raychem 9530A5314
900426
900427
Raychem 9527A1318
071954
900420
GORE GWN1159A
900428
900429
SHIELDED COAXIAL CONTACT
INTERFACE AND QUALIFICATION : SAE AS39029 / 27,28,76,78
Coaxial Contacts
Coaxial Contacts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com