| Electronic Components Datasheet Search |
|
900403 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
900403 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers |
|
12 / 68 page ![]() Amphenol 12 Signal Contacts SIGNAL CONTACTS CRIMP CONTACTS MIL-DTL-38999 SERIES I, II,III / EN3645 / EN4165 EN3155 CONTACTS - EUROPEAN STANDARD EN3155 WIRE BARREL RANGE AND NOMINAL TEST CURRENT (A) Wire barrel size Wire Size 12 14 16 18 20 22 24 26 28 22 5 3 2 20 7.5 5 3 18 7.5 7.5 5 3 16 13 10 7.5 14 13 13 10 7.5 12 23 17 PIN or SOCKET EN3155 CONTACT AMPHENOL P/N Color bands Wire barrel CONNECTOR Mating end size Wire barrel size MIL-DTL-38999 EN3645 EN4165 1st 2st S I S II S III P EN3155-008 22 22 60088001 X X X X X 20 22 60088101 X X X X X 20 20 60088201 X X X X X 20 18 60088301 X X X X X 16 16 60088401 X X X X X 16 14 60088501 X X X X X 12 12 60088601 X X X X X 12 14 60088701 X X X X X S EN3155-003 22 22 60087001 X X 20 22 60087101 X X 20 20 60087201 X X 20 18 60087301 X X 16 16 60087401 X X 16 14 60087501 X X 12 12 60087601 X X 12 14 60087701 X X EN3155-009 22 22 60089001 X X X 20 22 60089101 X X X 20 20 60089201 X X X 20 18 60089301 X X X 16 16 60089401 X X X 16 14 60089501 X X X 12 12 60089601 X X X 12 14 60089701 X X X HOW TO BUILD EN3155 REFERENCE EN3155-008Y2020 EN3155-009X2020 Product Standard Pin Contact Mating end size Wire barrel size Product Standard Socket Contact Mating end size Wire barrel size Signal Contacts |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |