Electronic Components Datasheet Search
  English  ▼

X  

MP900 Datasheet(PDF) 3 Page - PerkinElmer Optoelectronics

Part # MP900
Description  Ultra High Sensitivity Gateable Photon Counting Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

MP900 Datasheet(HTML) 3 Page - PerkinElmer Optoelectronics

  MP900 Datasheet HTML 1Page - PerkinElmer Optoelectronics MP900 Datasheet HTML 2Page - PerkinElmer Optoelectronics MP900 Datasheet HTML 3Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MP 900
For more information e-mail us at opto@perkinelmer.com or visit our web site at www.perkinelmer.com/opto
All values are nominal; specifications subject to change without notice.
is a registered trademark of PerkinElmer, Inc.
PerkinElmer Optoelectronics
PerkinElmer Optoelectronics
PerkinElmer Optoelectronics
2175 Mission College Blvd.
47 Ayer Rajah Crescent #06-12
Wenzel-Jaksch-Str. 31
Santa Clara, CA 95254
Singapore 139947
D-65199 Wiesbaden
Phone: 408) 565-0830
Phone: +65 775-2022
Germany
Fax: (408) 565-0703
Fax: +65 777-2196
+49 (611) 492-0
+49 (611) 492-369
©2000 PerkinElmer, Inc.
All rights reserved.
0900
CAUTION: High Voltage Warning
This product operates at high voltage. Extreme care must be taken to ensure operator safety and to avoid damage to other instruments. Avoid direct contact with the entrance
window of the built in CPM when high voltage is applied. Avoid placing conductive material close to the cathode.
50
20
6,5
140
143
Mechanical Specifications
Dimensions in (mm)
Input/Output Signals: Connections
DB Connector
- 1
(red)
5V
- 3
(black)
Gnd
- A1 (coax)
External Gate In
- 2
(yellow) Monitor voltage (Vch-ent)
- 4
(green)
Not connected
BNC Connector
-
TTL Signal Output
-
GND
Typical Spectral Response
Wavelength (nm)
100
200
300
400
500
600
700
800
900
100
10
1
0,1
C 911
C 922
C 943
C 944
C 942
C 952
C 962



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com