Electronic Components Datasheet Search
  English  ▼

X  

AP2014S Datasheet(PDF) 6 Page - Anachip Corp

Part # AP2014S
Description  Synchronous PWM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP2014S Datasheet(HTML) 6 Page - Anachip Corp

Back Button AP2014S Datasheet HTML 2Page - Anachip Corp AP2014S Datasheet HTML 3Page - Anachip Corp AP2014S Datasheet HTML 4Page - Anachip Corp AP2014S Datasheet HTML 5Page - Anachip Corp AP2014S Datasheet HTML 6Page - Anachip Corp AP2014S Datasheet HTML 7Page - Anachip Corp AP2014S Datasheet HTML 8Page - Anachip Corp AP2014S Datasheet HTML 9Page - Anachip Corp AP2014S Datasheet HTML 10Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AP2014/A
Synchronous PWM Controller
Anachip Corp
www.anachip.com.tw
Rev. 1.2 Nov 29, 2005
6/12
Typical Application Circuit (Continued)
(5) Dual Supply, 5V Bus and 12V Bias Input
SS
Fb
Comp
GND
LDrv
Vcc
HDrv
Vc
+
+
+
AP2014
C7
0.1uF
C8
10nF
R1
3.3K
R2
1K
R3
1K
Q1
Q2
AF9410
L2
10uH
C3
100uF
L1
1uH
C4
47uF
1.8V/1A
2.5V/2A
C6
C1
0.1uF
AP1187
+
5V
12V
SS
Fb
Comp
GND
LDrv
Vcc
HDrv
Vc
+
+
AP2014
C13
0.1uF
C14
10nF
R4
3.3K
R5
1K
R6
1.65K
Q3
AF9410
Q4
AF9410
L3
C11
3.3V/1.8A
C12
220uF
C9
0.1uF
C1
1uF
C5
47uF
C10
1uF
10uH
AF9410
220uF
Dual Supply, 5V Bus and 12V Bias Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com