Electronic Components Datasheet Search
  English  ▼

X  

AP2014N Datasheet(PDF) 2 Page - Anachip Corp

Part # AP2014N
Description  Synchronous PWM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP2014N Datasheet(HTML) 2 Page - Anachip Corp

  AP2014N Datasheet HTML 1Page - Anachip Corp AP2014N Datasheet HTML 2Page - Anachip Corp AP2014N Datasheet HTML 3Page - Anachip Corp AP2014N Datasheet HTML 4Page - Anachip Corp AP2014N Datasheet HTML 5Page - Anachip Corp AP2014N Datasheet HTML 6Page - Anachip Corp AP2014N Datasheet HTML 7Page - Anachip Corp AP2014N Datasheet HTML 8Page - Anachip Corp AP2014N Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AP2014/A
Synchronous PWM Controller
Anachip Corp
www.anachip.com.tw
Rev. 1.2 Nov 29, 2005
2/12
Ordering Information
AP2014/A X
X
Package
Packing
S: SOP-8L
N: PDIP-8L
Blank : Tube
A : Taping
Block Diagram
SS
Fb
Comp
GND
LDrv
Vcc
HDrv
Vc
25K
25K
1.25V
POR
20uA
64uA
Max
3V
Error Amp
+
-
Oscillator
Ct
Error Comp
+
-
S
R
Q
Reset Dom
4
3
2
5
6
7
1
8
+
-
+
-
Bias
Generator
Vcc
4.0V
Vc
3.5V
0.2V
0.2V
3V
1.25V
POR
+
-
FbLo Comp
0.5V
POR
Absolute Maximum Ratings
Symbol
Parameter
Range.
Unit
VCC
Vcc Supply Voltage
20
V
VC
Vc Supply Voltage (not rated for inductive load)
32
V
TST
Storage Temperature Range
-65 to 150
oC
TJ
Operating Junction Temperature Range
0 to 125
oC
JC
Thermal Resistance Junction to Case
90
oC/W
JA
Thermal Resistance Junction to Ambient
250
oC/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com