Electronic Components Datasheet Search
  English  ▼

X  

UE48-3OS Datasheet(PDF) 12 Page - SICK AG

Part # UE48-3OS
Description  Safety relays
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

UE48-3OS Datasheet(HTML) 12 Page - SICK AG

Back Button UE48-3OS Datasheet HTML 8Page - SICK AG UE48-3OS Datasheet HTML 9Page - SICK AG UE48-3OS Datasheet HTML 10Page - SICK AG UE48-3OS Datasheet HTML 11Page - SICK AG UE48-3OS Datasheet HTML 12Page - SICK AG UE48-3OS Datasheet HTML 13Page - SICK AG UE48-3OS Datasheet HTML 14Page - SICK AG UE48-3OS Datasheet HTML 15Page - SICK AG UE48-3OS Datasheet HTML 16Page - SICK AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 92 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
S e n S : c o n t r o l - S a f e c o n t r o l S o l u t I o n S | S I c K
8015528/2012-12-17
Subject to change without notice
Safety relays
Output expansion modules for OSSDs
1 2
ue12-2fG
Product description
The UE12-2FG safety relay is an optimal
output expansion module for opto-
electronic protective devices or safety
controllers. By the protection of ma-
chines and plants the safety relay takes
over the electrical signals and switches
the connected actuators reliably.
at a glance
• Ideal for applications with opto-elec-
tronic protective devices and safety
controllers with OSSD outputs
• Fast response time of 10 ms
• Compact design
• 2 contact outputs
• Up to 20 contact outputs via cascad-
ing
• Feedback path for external device
monitoring (EDM)
• Screw-type terminals or plug-in screw-
type terminals
• Coded plugs for all slots
Your benefits
• Faster response times provide short
safety distances
• Saves space in the control cabinet
thanks to its compact design
• Reduced wiring effort for fast and
easy system commissioning
• No unnecessary outputs, thereby
reducing costs
UE12-2FG
minimum required space with a maximum
of contact outputs
additional information
Detailed technical data. . . . . . . . . . . 13
Ordering information. . . . . . . . . . . . . 14
Dimensional drawings . . . . . . . . . . . 15
Connection diagram . . . . . . . . . . . . . 15
-
-
www.mysick.com/en/UE12-2FG
For more information, just enter the link or scan the QR code and get direct access to technical
data, CAD design models, operating instructions, software, application examples and much more.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com