Electronic Components Datasheet Search
  English  ▼

X  

B0540WS Datasheet(PDF) 1 Page - Diodes Incorporated

Part # B0540WS
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B0540WS Datasheet(HTML) 1 Page - Diodes Incorporated

  B0540WS Datasheet HTML 1Page - Diodes Incorporated B0540WS Datasheet HTML 2Page - Diodes Incorporated B0540WS Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Lead-free Green
DS30524 Rev. 5 - 2
1 of 3
B0540WS
www.diodes.com
ã Diodes Incorporated
B0540WS
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Features
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Maximum Ratings @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
V
RMS Reverse Voltage
VR(RMS)
28
V
Average Rectified Output Current
IO
0.5
A
Non-Repetitive Peak Forward Surge Current
8.3ms single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
3A
Power Dissipation (Note 1)
Pd
235
mW
Typical Thermal Resistance Junction to Ambient (Note 1)
RqJA
426
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-40 to +125
°C
A
B
C
D
E
G
H
J
·
Low Forward Voltage Drop
·
Guard Ring Construction for
Transient Protection
·
High Conductance
·
Lead Free By Design/RoHS Compliant (Note 3)
·
"Green" Device (Note 4)
·
Case: SOD-323
·
Case Material: Molded Plastic. UL Flammability Rating
Classification 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020C
·
Polarity: Cathode Band
·
Terminals: Finish - Matte Tin annealed over Alloy 42
leadframe. Solderable per MIL-STD-202, Method 208
·
Marking: Type Code and Cathode Band
Type Code: SF
·
Weight: 0.004 grams (approx.)
Mechanical Data
Electrical Characteristics @ TA = 25°C unless otherwise specified
SOD-323
Dim
Min
Max
A
2.30
2.70
B
1.60
1.80
C
1.20
1.40
D
1.00
1.10
E
0.25
0.35
G
0.20
0.40
H
0.10
0.15
J
0.05 Typical
a
0
°
8
°
All Dimensions in mm
Note:
1. Part mounted on FR-4 PC board with recommended pad layout, which can be found on our website
at http://www.diodes.com/datasheets/ap02001.pdf.
2. Short duration test pulse used to minimize self-heating effect.
3. No Purposefully added Lead.
4. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 2)
V(BR)R
40
¾¾
V
IR = 1mA
Forward Voltage (Note 2)
VF
¾
285
480
300
550
mV
IF =
10mA
IF = 500mA
Reverse Current (Note 2)
IR
¾
¾
1.0
2.0
3
5
mA
mA
VR = 10V
VR = 30V
Total Capacitance
CT
¾
¾
125
20
¾
¾
pF
pF
VR = 0V, f = 1.0MHz
VR = 10V, f = 1.0MHz
SPICE MODEL: B0540WS


Similar Part No. - B0540WS

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
B0540WS WEITRON-B0540WS Datasheet
209Kb / 3P
Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
B0540WS DIODES-B0540WS Datasheet
115Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30524 Rev. 8 - 2
logo
Weitron Technology
B0540WS WEITRON-B0540WS Datasheet
1Mb / 3P
Surface Mount Schottky Barrier Diode
logo
Shenzhen Jin Yu Semicon...
B0540WS HTSEMI-B0540WS Datasheet
436Kb / 2P
SCHOTTKY BARRIER DIODE
logo
Shenzhen Luguang Electr...
B0540WS LUGUANG-B0540WS Datasheet
450Kb / 2P
Schottky Barrier Diode
More results

Similar Description - B0540WS

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com