Electronic Components Datasheet Search
  English  ▼

X  

AP2014SMG-13 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP2014SMG-13
Description  SYNCHRONOUS PWM DC-DC BUCK CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2014SMG-13 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP2014SMG-13 Datasheet HTML 5Page - Diodes Incorporated AP2014SMG-13 Datasheet HTML 6Page - Diodes Incorporated AP2014SMG-13 Datasheet HTML 7Page - Diodes Incorporated AP2014SMG-13 Datasheet HTML 8Page - Diodes Incorporated AP2014SMG-13 Datasheet HTML 9Page - Diodes Incorporated AP2014SMG-13 Datasheet HTML 10Page - Diodes Incorporated AP2014SMG-13 Datasheet HTML 11Page - Diodes Incorporated AP2014SMG-13 Datasheet HTML 12Page - Diodes Incorporated AP2014SMG-13 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
AP2014/A
SYNCHRONOUS PWM DC-DC BUCK CONTROLLER
DS30883 Rev. 1 - 0
13 of 13
AP2014/A
www.diodes.com
© Diodes Incorporated
3.85/3.95
Typ 3.90
3.80/3.90
Typ 3.85
7°
0.60/0.70
Typ 0.65
0.15/0.25
Typ 0.20
0.60/0.80
Typ 0.70
1.27
4.85/4.95
Typ 4.90
1.40/1.50
Typ 1.45
0.30/0.50
Typ 0.40
5.90/6.10
Typ 6.00
5
4
1
8
0.08/0.25
Typ 0.15
R
0.1
(All
side
)
9°
0.35
RECOMMENDED LAND PATTERN
8X 2.2
5.2
6X 1.27
8X .06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com