Electronic Components Datasheet Search
  English  ▼

X  

BC847BLP Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BC847BLP
Description  NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC847BLP Datasheet(HTML) 2 Page - Diodes Incorporated

  BC847BLP Datasheet HTML 1Page - Diodes Incorporated BC847BLP Datasheet HTML 2Page - Diodes Incorporated BC847BLP Datasheet HTML 3Page - Diodes Incorporated BC847BLP Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS30525 Rev. 7 - 2
2 of 4
BC847BLP
www.diodes.com
Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
(Note 3)
V(BR)CBO
50
—
—
V
IC = 10
mA, IB = 0
Collector-Emitter Breakdown Voltage
(Note 3)
V(BR)CEO
45
—
—
V
IC = 10mA, IB = 0
Emitter-Base Breakdown Voltage
(Note 3)
V(BR)EBO
6—
—
V
IE = 1
mA, IC = 0
DC Current Gain
(Note 3)
hFE
200
350
450
—
VCE = 5.0V, IC = 2.0mA
Collector-Emitter Saturation Voltage
(Note 3)
VCE(SAT)
—
80
200
250
600
mV
IC = 10mA, IB = 0.5mA
IC = 100mA, IB = 5.0mA
Base-Emitter Saturation Voltage
(Note 3)
VBE(SAT)
—
700
900
—mV
IC = 10mA, IB = 0.5mA
IC = 100mA, IB = 5.0mA
Base-Emitter Voltage
(Note 3)
VBE(ON)
580
—
640
725
700
770
mV
VCE = 5.0V, IC = 2.0mA
VCE = 5.0V, IC = 10mA
Collector-Emitter Cutoff Current
(Note 3)
ICBO
ICBO
——
15
5.0
nA
µA
VCB = 30V
VCB = 30V, TA = 150°C
Gain Bandwidth Product
fT
100
—
—
MHz
VCE = 5.0V, IC = 10mA,
f = 100MHz
Collector-Base Capacitance
CCBO
—
3.0
—
pF
VCB = 10V, f = 1.0MHz
0
150
100
50
200
250
300
350
1
100
10
I , COLLECTOR CURRENT (mA)
Fig. 2 Typical Collector-Emitter Saturation
Voltage vs. Collector Current
C
T = 150ºC
A
T = -55ºC
A
T = 25ºC
A
T = 125ºC
A
T = 85ºC
A
Ic/Ib=20
0
50
100
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Power Derating Curve
A
150
200
250
300
Note:
3. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com