Electronic Components Datasheet Search
  English  ▼

X  

DLPA006 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DLPA006
Description  DATA BUS TRANSIENT SUPPRESSOR/THREE PHASE FULL WAVE BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DLPA006 Datasheet(HTML) 2 Page - Diodes Incorporated

  DLPA006 Datasheet HTML 1Page - Diodes Incorporated DLPA006 Datasheet HTML 2Page - Diodes Incorporated DLPA006 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30665 Rev. 3 - 2
2 of 3
DLPA006
www.diodes.com
0
50
100
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Power Derating Curve
A
150
200
250
300
Device mounted on
suggested pad layout
10
1.0
100
1000
0.1
0.01
01
2
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2 Typical Forward Characteristics
F
0.1
1
10
0
50
150
100
200
T , AMBIENT TEMPERATURE (
)
Fig.3 Typical Reverse Characteristics
A
°C
V
= 75V
R
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 6)
V(BR)R
85
¾¾
V
IR = 100
mA
Forward Voltage (Note 6)
VF
¾¾
0.90
1.0
1.1
1.25
V
IF = 1.0mA
IF = 10mA
IF = 50mA
IF = 150mA
Leakage Current (Note 6)
IR
¾¾
5.0
80
nA
nA
VR = 75V
VR = 75V, Tj = 150
°C
Junction Capacitance (per element)
CT
¾
2
¾
pF
VR = 0, f = 1.0MHz
Capacitance Between Two Data Lines (DL1 & DL2, DL1 & DL3)
CLL
¾
3.5
7
pF
VR = 0, f = 1.0MHz
Capacitance Between Data Line and Ground
CLG
¾
2.7
6
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
¾¾
3.0
ms
IF = IR = 10mA,
Irr = 0.1 x IR,RL = 100
W
Electrical Characteristics @ TA = 25°C unless otherwise specified
Notes:
6. Short duration test pulse to minimize self-heating effect.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com