Electronic Components Datasheet Search
  English  ▼

X  

BD110 Datasheet(PDF) 2 Page - E-Tech Electronics LTD

Part # BD110
Description  Dual SCHOTTKY Barrier Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

BD110 Datasheet(HTML) 2 Page - E-Tech Electronics LTD

  BD110 Datasheet HTML 1Page - E-Tech Electronics LTD BD110 Datasheet HTML 2Page - E-Tech Electronics LTD BD110 Datasheet HTML 3Page - E-Tech Electronics LTD BD110 Datasheet HTML 4Page - E-Tech Electronics LTD BD110 Datasheet HTML 5Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MBD110–2/5
MBD110DWT1 MBD330DWT1 MBD770DWT1
ELECTRICAL CHARACTERISTICS (T A = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage
V (BR)R
Volts
(I R = 10
µA)
MBD110DWT1
7.0
10
—
MBD330DWT1
30
—
—
MBD770DWT1
70
—
—
Diode Capacitance
C T
pF
(V R = 0, f = 1.0 MHz, Note 1)
MBD110DWT1
—
0.88
1.0
Total Capacitance
C T
pF
(V R = 15 Volts, f = 1.0 MHz)
MBD330DWT1
—
0.9
1.5
(V R = 20 Volts, f = 1.0 MHz)
MBD770DWT1
—
0.5
1.0
Reverse Leakage
I R
(V R = 3.0 V)
MBD110DWT1
—
0.02
0.25
µA
(V R = 25 V)
MBD330DWT1
—
13
200
nAdc
(V R = 35 V)
MBD770DWT1
—
9.0
200
nAdc
Noise Figure
NF
dB
(f = 1.0 GHz, Note 2)
MBD110DWT1
—
6.0
—
Forward Voltage
V F
Vdc
(I F = 10 mA)
MBD110DWT1
—
0.5
0.6
(I F = 1.0 mAdc)
MBD330DWT1
—
0.38
0.45
(I F = 10 mA)
—
0.52
0.6
(I F = 1.0 mAdc)
MBD770DWT1
—
0.42
0.5
(I F = 10 mA)
—
0.7
1.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com