Electronic Components Datasheet Search
  English  ▼

X  

BSP75G Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BSP75G
Description  60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE IntelliFET??MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BSP75G Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BSP75G Datasheet HTML 1Page - List of Unclassifed Manufacturers BSP75G Datasheet HTML 2Page - List of Unclassifed Manufacturers BSP75G Datasheet HTML 3Page - List of Unclassifed Manufacturers BSP75G Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BSP75G
SEMICO NDUC TORS
DRAFT ISSUE C - NOVEMBER 2003
ADVANCE INFORMATION
2
PARAMETER
SYMBOL
VALUE
UNIT
Junction to ambient (a)
R JA
50
°C/W
THERMAL RESISTANCE
PARAMETER
SYMBOL
LIMIT
UNIT
Continuous drain-source voltage
VDS
60
V
Drain-source voltage for short circuit protection
VDS(SC)
36
V
Continuous input voltage
VIN
-0.2 ... +10
V
Peak input voltage
VIN
-0.2 ... +20
V
Operating temperature range
Tj,
-40 to +150
°C
Storage temperature range
Tstg
-55 to +150
°C
Power dissipation at TA =25°C
PD
2.5
W
Continuous drain current @ VIN=10V; TA=25°C
2
ID
1.6
A
Pulsed drain current @ VIN=10V
IDM
3A
Unclamped single pulse inductive energy
EAS
550
mJ
Load dump protection
VLoadDump
80
V
Electrostatic discharge (Human Body Model)
VESD
4000
V
NOTES
2 For a device surface mounted on FR4 PCB measured at t 10s
ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com