Electronic Components Datasheet Search
  English  ▼

X  

CX74037 Datasheet(PDF) 2 Page - Synaptics Incorporated.

Part # CX74037
Description  Transmit RF IC for TDMA or AMPS Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX74037 Datasheet(HTML) 2 Page - Synaptics Incorporated.

  CX74037 Datasheet HTML 1Page - Synaptics Incorporated. CX74037 Datasheet HTML 2Page - Synaptics Incorporated. CX74037 Datasheet HTML 3Page - Synaptics Incorporated. CX74037 Datasheet HTML 4Page - Synaptics Incorporated. CX74037 Datasheet HTML 5Page - Synaptics Incorporated. CX74037 Datasheet HTML 6Page - Synaptics Incorporated. CX74037 Datasheet HTML 7Page - Synaptics Incorporated. CX74037 Datasheet HTML 8Page - Synaptics Incorporated. CX74037 Datasheet HTML 9Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CX74037
Transmit RF IC for TDMA or AMPS Applications
Data Sheet
Conexant Proprietary
Doc. No. 101103A
Data Subject to Change
September 27, 2000
PCS-TDMA
RF Out
Cell RF Out
PCS RF SAW
TX RFIC
CX74037
Cell LO
Cell RF SAW
PCS LO
LPF or BPF
÷ 2
IF LO IN
Vvga
101103A-2_080900
2
2
VCC
I Data
Q Data
VGA En
PA Driver En
PULL En
Band Select
IF Select
Figure 2. CX74037 Functional Block Diagram
Technical Description
The CX74037 is a TDMA transmitter for the 800 MHz and 1900
MHz bands. It also can be used as an FM transmitter in AMPS
mode at the 800 MHz band. A band select command chooses
between the 800 MHz band and the 1900 MHz band. A mode
select command chooses between TDMA and AMPS mode.
The chip consist of an I/Q modulator, IF LO input buffer, IF VGA,
two upconverters for the 800 MHz and 1900 MHz bands, and
two PA drivers for the 800 MHz and the 1900 MHz bands.
I/Q Modulator. The I/Q modulator converts the incoming I/Q
signal to an IF signal using one of the two local oscillator inputs.
This signal is fed directly to the VGA amplifier.
Variable Gain Amplifier. The VGA is a differential amplifier that
receives its signal from the I/Q modulator, amplifies it, and then
is taken off-chip to be filtered before routing it to the
upconverter. A dynamic range of 90 dB is available on the
amplifier. A DC voltage of 0.2 to 2.5 V is needed to control the
gain of the amplifier.
Upconverters. The 800 MHz and 1900 MHz upconverters
receive the IF signal from the VGA amplifier. Each upconverter
requires an external LO controlled by an external Phase Locked
Loop (PLL). The band select command switches between the
800 MHz and the 1900 MHz bands.
PA Drivers. Two PA drivers are included, the 800 MHz driver
and the 1900 MHz driver. Each driver takes its input from the
upconverter after passing through an image rejection filter. The
driver amplifies the signal and sends it to an external PA.
Electrical and Mechanical Specifications ________________
The signal pin assignments and functional pin descriptions are
found in Table 1. The absolute maximum ratings of the
CX74037 are provided in Table 2, the recommended operating
conditions are specified in Table 3. Electrical characteristics for
the CX74037 are shown in Table 4. Table 5 defines the control
signal logic.
Figure 3 provides the package dimensions for the 48-pin, 7x7
LGA package.
ESD Sensitivity
The CX74037 is a static-sensitive electronic device. Do not
operate or store near strong electrostatic fields. Take proper
ESD precautions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com