Electronic Components Datasheet Search
  English  ▼

X  

HAL502 Datasheet(PDF) 40 Page - Micronas

Part # HAL502
Description  Hall-Effect Sensor Family
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL502 Datasheet(HTML) 40 Page - Micronas

Back Button HAL502 Datasheet HTML 36Page - Micronas HAL502 Datasheet HTML 37Page - Micronas HAL502 Datasheet HTML 38Page - Micronas HAL502 Datasheet HTML 39Page - Micronas HAL502 Datasheet HTML 40Page - Micronas HAL502 Datasheet HTML 41Page - Micronas HAL502 Datasheet HTML 42Page - Micronas HAL502 Datasheet HTML 43Page - Micronas HAL502 Datasheet HTML 44Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
HAL 516
DATA SHEET
40
April 15. 2010; DSH000020_004EN
Micronas
4.10. HAL 516
The HAL 516 is the most sensitive unipolar switching
sensor with an inverted output of this family (see
Fig. 4–37).
The output turns high with the magnetic south pole on
the branded side of the package and turns low if the
magnetic field is removed. The sensor does not
respond to the magnetic north pole on the branded
side.
For correct functioning in the application, the sensor
requires only the magnetic south pole on the branded
side of the package.
In the HAL 5xx family, the HAL 506 is a sensor with
the same magnetic characteristics but with a normal
output characteristic.
Magnetic Features:
– switching type: unipolar inverted
– high sensitivity
–typical BON: 3.5 mT at room temperature
–typical BOFF: 5.5 mT at room temperature
– operates with static magnetic fields and dynamic
magnetic fields up to 10 kHz
– typical temperature coefficient of magnetic switching
points is
−1000 ppm/K
Applications
The HAL 516 is the optimal sensor for all applications
with one magnetic polarity and weak magnetic ampli-
tude at the sensor position where an inverted output
signal is required such as:
– applications with large air gap or weak magnets,
– solid state switches,
– contactless solution to replace microswitches,
– position and end-point detection, and
– rotating speed measurement.
Fig. 4–37: Definition of magnetic switching points for
the HAL 516
Magnetic Characteristics at TJ = −40 °C to +170 °C, VDD = 3.8 V to 24 V,
Typical Characteristics for VDD = 12 V
Magnetic flux density values of switching points.
Positive flux density values refer to the magnetic south
pole at the branded side of the package.
The hysteresis is the difference between the switching
points BHYS = BON − BOFF
The magnetic offset is the mean value of the switching
points BOFFSET = (BON + BOFF) / 2
BON
BOFF
0
VOL
VO
Output Voltage
B
BHYS
Parameter
On point BON
Off point BOFF
Hysteresis BHYS
Magnetic Offset
Unit
TJ
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
−40 °C
2.1
3.8
5.4
4.3
5.9
7.7
1.6
2.1
2.8
−
4.8
−
mT
25
°C
2
3.5
5
3.8
5.5
7.2
1.5
2
2.7
3.8
4.5
6.2
mT
140
°C
1.8
3.1
5.1
3.4
4.8
6.9
1
1.7
2.6
−
4
−
mT
170
°C
1.7
3
5.2
3.2
4.6
6.8
0.9
1.6
2.6
−
3.8
−
mT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com