Electronic Components Datasheet Search
  English  ▼

X  

MD982 Datasheet(PDF) 2 Page - PerkinElmer Optoelectronics

Part # MD982
Description  Ultra High Sensitivity Gateable Channel Photomultiplier DC-Modules
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

MD982 Datasheet(HTML) 2 Page - PerkinElmer Optoelectronics

  MD982 Datasheet HTML 1Page - PerkinElmer Optoelectronics MD982 Datasheet HTML 2Page - PerkinElmer Optoelectronics MD982 Datasheet HTML 3Page - PerkinElmer Optoelectronics MD982 Datasheet HTML 4Page - PerkinElmer Optoelectronics MD982 Datasheet HTML 5Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MD 900 Series
1/3” DC Photosensor Module
Technical Specifications
Supply voltage
5 V dc
Supply current
< 280 mA
Settling time
< 1s (time to stabilize HV after supply voltage applied)
Over-illumination protection:
active quenching control (internal)
Current to voltage conversion factor
1 V/ 20nA (other values on request)
Output signal
0 ... 10 V dc **)
Output offset
± 3mV
Gain
up to 1 x 108, via internal potentiometer (or by external control voltage
0...3 V via ext. OpAmp circuit)
Active Quenching Control
TTL-Pulse, active high, RESET: internal via timer, typ. 1 s, external
via 5 V-pulse
Frequency bandwidth
DC to 1 kHz (other values on request, max. 20 kHz)
GATE voltage V
gate
5 V: h to l set time V
ca to Vch-ent +100 V : ~ 150 µs
5 V: l to h set time V
ca to Vch-ent - 100 V : ~ 150 µs
High voltage pre-adjusted
1500 volts
Maximum ratings
Input voltage
+5.5 V
Operating temperature
5 to 40 °C
Storage temperature
-20 to 50 °C
Weight
~ 350 g
Operating Conditions
Performance Characteristics
Spectral response
0,1
1
10
100
100
200
300
400
500
600
700
800
900
Wavelength (nm)
C 911
C 942
C 962
C 921
C 952
C 972
C 943
C 973
C 983
C 982
C 922
C 944
Current Amplification vs Control Voltage
1,E+02
1,E+03
1,E+04
1,E+05
1,E+06
1,E+07
1,E+08
1,E+09
0,9
1,4
1,9
2,4
2,9
Control Voltage / V
*) Additional models on request
**) for long term operation: max. average output voltage of <
5 V (anode current of <100 nA) is recommended



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com