Electronic Components Datasheet Search
  English  ▼

X  

DVR1V8W Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DVR1V8W
Description  COMPLEX ARRAY FOR VOLTAGE REGULATORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DVR1V8W Datasheet(HTML) 3 Page - Diodes Incorporated

  DVR1V8W Datasheet HTML 1Page - Diodes Incorporated DVR1V8W Datasheet HTML 2Page - Diodes Incorporated DVR1V8W Datasheet HTML 3Page - Diodes Incorporated DVR1V8W Datasheet HTML 4Page - Diodes Incorporated DVR1V8W Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DS30578 Rev. 4 - 2
3 of 5
DVR1V8W - DVR5V0W
www.diodes.com
1
1000
100
0.0001
.001
.01
1
10
.1
I , COLLECTOR CURRENT (A)
Fig. 2, Typical DC Current Gain vs
Collector Current (NPN Transistor)
C
V
= 1.0V
CE
0
50
25
50
75
100
125
150
175
200
T , AMBIENT TEMPERATURE (°C)
Fig. 1, Max Power Dissipation vs
Ambient Temperature (Total Device)
A
100
150
200
0
1
10
1000
100
0.0001
.001
.01
.1
1
10
I , COLLECTOR CURRENT (A)
Fig. 4, Collector Saturation Voltage vs
Collector Current (NPN Transistor)
C
1
100
10
0.1
1
10
100
V
, COLLECTOR-BASE VOLTAGE (V)
Fig. 3, Output Capacitance vs.
Collector-Base Voltage (NPN Transistor)
CB
f=1MHz
0
10
20
30
40
50
01
2
3
4
5
6
7
89
10
V , ZENER VOLTAGE (V)
Fig. 5 Zener Breakdown Characteristics
(DVR1V8W - DVR3V3W)
Z
T = 25°C
j
1V8
2V5
3V3
Test Current I
5.0mA
Z
10
100
1000
10
100
1
V , NOMINAL ZENER VOLTAGE (V)
Fig. 6 Total Capacitance vs Nominal Zener Voltage
Z
(DVR1V8W - DVR3V3W)
T= 25 °C
f = 1MHz
j
V= 1V
R
V= 2V
R
V= 1V
R
V= 2V
R



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com