Electronic Components Datasheet Search
  English  ▼

X  

FAS2750 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FAS2750
Description  NetApp FAS2700 Series Hybrid Storage Systems Simplify your storage with leading data management
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FAS2750 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FAS2750 Datasheet HTML 1Page - List of Unclassifed Manufacturers FAS2750 Datasheet HTML 2Page - List of Unclassifed Manufacturers FAS2750 Datasheet HTML 3Page - List of Unclassifed Manufacturers FAS2750 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Datasheet
NetApp FAS2700 Series
Hybrid Storage Systems
Simplify your storage with leading data management
Key Benefits
Delivers Best Value for Your IT
Investment
• Achieves aggressive price/performance
with 30% higher performance
• Serves SAN and NAS workloads with
advanced unified architecture
• Serves SAN and NAS workloads with
advanced unified architecture
• Meets more business needs with
best-in-class data management
• Increases return on investment with
enhanced storage efficiencies
Simplifies Storage Operations
• Allows you to upgrade software
and add or retire storage with zero
downtime
• Streamlines application provisioning
• Handles complicated management
tasks
Grows with Your Changing Needs
• Lets you start small and grow big,
invest in what you need, and add
without disruption
• Connects seamlessly to the cloud
with leading integration
• Builds a foundation for a NetApp®
Data Fabric across flash, disk,
and cloud
The Challenge
Integrating data management across flash, disk, and cloud
Organizations of all sizes and local offices of larger companies are increasingly challenged
by shrinking budgets, overextended staff, and the ever-changing demands caused by data
growth. Plus, there are flash and cloud adoption to consider. These challenges, coupled
with the increasing complexity of your Microsoft Windows, VMware, or server virtualization
environment, can quickly consume your budget and affect the productivity of your staff.
The Solution
Hybrid storage with best-in-class data management and cloud integration
Designed to support more of your IT needs, the NetApp FAS2700 hybrid storage arrays
offer more value than other systems in their class. The FAS2700 running NetApp ONTAP®
storage software simplifies the task of managing growth and complexity by delivering
high performance, providing leading integration with the cloud, supporting a broader
range of workloads, and seamlessly scaling performance and capacity.
You can build a foundation for a Data Fabric that leverages flash acceleration and public
cloud storage resources to cost-effectively handle dynamic storage needs. For growing
organizations that are concerned about budgets today and meeting challenging IT needs
in the future, the FAS2700 is the perfect choice.
Simplifies storage operations
Free up your time, money, and people. You don’t need to be a storage expert to deploy
and manage NetApp storage systems. The NetApp FAS2700 series offers a powerful
range of technologies to help reduce complexity and increase the efficiency of your
storage administrators. Your organization can:
• Manage 2 to 3 times more storage. Leading integration with key business applica-
tions helps administrators to be more efficient.
• Streamline application provisioning. Application-aware data management automat-
ically applies best practices and optimizes data placement on your NetApp storage
based on adaptive quality of service (QoS) policies.
• Upgrade software and add or retire storage without downtime. The FAS2700 with
nondisruptive operation (NDO) technology lets you dynamically handle more storage
tasks during regular work hours without costly interruptions to IT.


Similar Part No. - FAS2750

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FAS209 ETC1-FAS209 Datasheet
37Kb / 8P
Fast Architecture SCSI
FAS216 ETC1-FAS216 Datasheet
49Kb / 8P
Fast Architecture SCSI Processor
FAS216U ETC1-FAS216U Datasheet
49Kb / 8P
Fast Architecture SCSI Processor
FAS236 ETC1-FAS236 Datasheet
49Kb / 8P
Fast Architecture SCSI Processor
FAS236U ETC1-FAS236U Datasheet
49Kb / 8P
Fast Architecture SCSI Processor
More results

Similar Description - FAS2750

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEC-7330 ETC2-LEC-7330 Datasheet
324Kb / 2P
Fanless Video Management Platform with Hot-swappable Storage
logo
Vishay Siliconix
196HVC VISHAY-196HVC_15 Datasheet
2Mb / 13P
Hybrid Energy Storage Capacitors
09-Sep-15
196-HVC VISHAY-196-HVC Datasheet
3Mb / 15P
Hybrid Energy Storage Capacitors
13-Jan-17
196HVC VISHAY-196HVC Datasheet
3Mb / 15P
Hybrid Energy Storage Capacitors
13-Jan-17
196HVCENYCAP VISHAY-196HVCENYCAP Datasheet
3Mb / 15P
Hybrid Energy Storage Capacitors
13-Jan-17
logo
Bel Fuse Inc.
350INVCHGT150-120-240-8G BEL-350INVCHGT150-120-240-8G Datasheet
1Mb / 9P
Storage Energy Systems
logo
Western Digital Corpora...
WD140EFFX WESTERN-WD140EFFX Datasheet
697Kb / 4P
There?셲 a leading edge WD Red drive for every compatible NAS system to help fulfill your data storage needs.
logo
Microchip Technology
EEC1005 MICROCHIP-EEC1005 Datasheet
820Kb / 56P
Enterprise Storage Backplane Management Processor
05/14/19
logo
Lanner All Rights Reser...
LEC-7330 LANNER-LEC-7330 Datasheet
324Kb / 2P
Fanless Video Management Platform with Hot-swappable Storage
logo
Vishay Siliconix
196HVC VISHAY-196HVC_V01 Datasheet
2Mb / 14P
Hybrid Energy Storage Capacitors
09-Jun-2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com