Electronic Components Datasheet Search
  English  ▼

X  

12666 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 12666
Description  DC/DC Switch Mode Regulator SRL 3,3...15 Watt DIL-24
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

12666 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  12666 Datasheet HTML 1Page - List of Unclassifed Manufacturers 12666 Datasheet HTML 2Page - List of Unclassifed Manufacturers 12666 Datasheet HTML 3Page - List of Unclassifed Manufacturers 12666 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
300'001 Rev. F / 08.2002
Notice: All statements, technical information, and recommendations related to FABRIMEX's products are based on information
believed to be reliable, but the accuracy or completeness thereof is not guaranteed. Before utlizing the product, the user should
determine the suitability of the product for its intended use.
POWER SUPPLIES
Switzerland:
FABRIMEX AG
Techcenterstrasse 2 • CH-8608 Bubikon
Tel
.: +41-55-253 31 90 • Fax: +41-55-253 31 91
Internet: www.fabrimex.ch
Germany:
CAC FABRIMEX GmbH
• D-89543 Gerstetten
Tel: 07323/ 950-0
• Fax: 07323/ 95050
Case
Gehäuse
Boîtier
Normal tolerance ±0.2 mm; Pin distance tolerance ±0.05 mm; Round pins 0.5 mm diameter
15.24
20.0
32.0
2.54
(27.94)
Cleaning
Waschen
Lavage
Die Module sind waschbar mit den heute
bekannten und in der Elektronikindustrie
üblichen Reinigungsmitteln.
Bedingt durch die verschiedenen
Reinigungsprozesse und neu auf den
Markt kommenden Mittel, raten wir
dringend, beim Ersteinsatz der Konverter
eine
Verträglichkeitsprüfung
vorzunehmen.
The modules are cleanable with the
today's known and in the electronics
industry usually used products.
Due to the different cleaning processes
and new available products, we highly
recommend to do a compatibility test
when using the converters the first time.
Les modules sont lavables avec les
solvants couramment utilisés dans
l'industrie électronique.
Dû aux differents processus de lavage
et aux nouveaux détergents disponibles
sur le marché, il est strictement
recommandé de faire un test de
compatibilité avant la première utilisation.
Pin
1
2
3
10
11
12
Pin
24
23
22
15
14
13
Connection
Vi
NC
NC
Go
+Vo
Gi
NC = No internal connection
Pin 1
View from botton
1 2 3
10 11 12
24 23 22
15 14 13



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com