Electronic Components Datasheet Search
  English  ▼

X  

D882 Datasheet(PDF) 1 Page - NEC

Part # D882
Description  NPN SILICON POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D882 Datasheet(HTML) 1 Page - NEC

  D882 Datasheet HTML 1Page - NEC D882 Datasheet HTML 2Page - NEC D882 Datasheet HTML 3Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
NPN SILICON POWER TRANSISTOR
2SD882
NPN SILICON POWER TRANSISTOR
DATA SHEET
Document No. D17116EJ2V0DS00 (2nd edition)
(Previous No. TC-3564)
Date Published March 2004 N CP(K)
Printed in Japan
c
The mark
shows major revised points.
2004
DESCRIPTION
The 2SD882 is NPN silicon transistor suited for the output stage of 3
watts audio amplifier, voltage regulator, DC-DC converter and relay
driver.
FEATURES
• Low saturation voltage
VCE(sat) = 0.5 V MAX. (IC =
−2 A, IB = 0.2 A)
• Excellent hFE linearity and high hFE
hFE = 60 to 400 (VCE = 2 V, IC = 1 A)
• Less cramping space required due to small and thin package and
reducing the trouble for attachment to a radiator.
No insulator bushing required.
ABSOLUTE MAXIMUM RATINGS
Maximum Temperature
Storage Temperature
−55 to +150°C
Junction Temperature
150
°C Maximum
Maximum Power Dissipations
Total Power Dissipation (TA = 25
°C)
1.0 W
Total Power Dissipation (TC = 25
°C)
10 W
Maximum Voltages and Currents (TA = 25
°C)
VCBO
Collector to Base Voltage
40 V
VCEO
Collector to Emitter Voltage
30 V
VEBO
Emitter to Base Voltage
5.0 V
IC(DC)
Collector Current (DC)
3.0 A
IC(pulse)
Note
Collector Current (pulse)
7.0 A
Note Pulse Test PW
≤ 350
µs, Duty Cycle ≤ 2%
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
CHARACTERISTIC
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
DC Current Gain
hFE1
VCE = 2.0 V, IC = 20 mA
Note
30
150
DC Current Gain
hFE2
VCE = 2.0 V, IC = 1.0 A
Note
60
160
400
Gain Bandwidth Product
fT
VCE = 5.0 V, IC = 0.1 A
90
MHz
Output Capacitance
Cob
VCB = 10 V, IE = 0, f = 1.0 MHz
45
pF
Collector Cutoff Current
ICBO
VCB = 30 V, IE = 0 A
1.0
µA
Emitter Cutoff Current
IEBO
VEB = 3.0 V, IC = 0 A
1.0
µA
Collector Saturation Voltage
VCE(sat)
IC = 2.0 A, IB = 0.2 A
Note
0.3
0.5
V
Base Saturation Voltage
VBE(sat)
IC = 2.0 A, IB = 0.2 A
Note
1.0
2.0
V
Note Pulse Test: PW
≤ 350
µs, Duty Cycle ≤ 2%
CLASSIFICATION OF hFE
Rank
R
Q
P
E
Range
60 to 120
100 to 200
160 to 320
200 to 400
Remark Test Conditions: VCE = 2.0 V, IC = 1.0 A
PACKAGE DRAWING (Unit: mm)
8.5 MAX.
3.2 ±0.2
12 TYP.
2.3 TYP.
2.3 TYP.
1.2 TYP.
0.55
2.8 MAX.
0.8
+0.08
–0.05
+0.08
–0.05
1: Emitter
2: Collector: connected to mounting plane
3: Base


Similar Part No. - D882

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D882 ETC-D882 Datasheet
1Mb / 1P
TO-126 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
D882 JIANGSU-D882 Datasheet
131Kb / 2P
TRANSISTOR竊?NPN 竊
D882 JIANGSU-D882 Datasheet
1,017Kb / 3P
TRANSISTOR竊뉿PN竊
logo
Stanson Technology
D882 STANSON-D882 Datasheet
22Kb / 1P
PNP TRANSISTOR
logo
List of Unclassifed Man...
D882 ETC1-D882 Datasheet
28Kb / 1P
SI NPN TRANSISTOR
More results

Similar Description - D882

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MRF342 ASI-MRF342 Datasheet
145Kb / 1P
SILICON POWER NPN TRANSISTOR
logo
NEC
2SC2333 NEC-2SC2333 Datasheet
167Kb / 3P
NPN Silicon Power Transistor
logo
Continental Device Indi...
C13003 CDIL-C13003 Datasheet
160Kb / 4P
NPN SILICON POWER TRANSISTOR
CFC4662 CDIL-CFC4662 Datasheet
106Kb / 3P
NPN SILICON POWER TRANSISTOR
logo
Bourns Electronic Solut...
BUT11 BOURNS-BUT11 Datasheet
128Kb / 5P
NPN SILICON POWER TRANSISTOR
BUX84 BOURNS-BUX84 Datasheet
125Kb / 6P
NPN SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N2880 MICROSEMI-2N2880_1 Datasheet
45Kb / 2P
NPN POWER SILICON TRANSISTOR
2N5002 MICROSEMI-2N5002 Datasheet
58Kb / 2P
NPN POWER SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
Kwang Myoung I.S. CO.,L...
TIP35CF KISEMICONDUCTOR-TIP35CF Datasheet
5Mb / 2P
Silicon NPN Power Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com