Electronic Components Datasheet Search
  English  ▼

X  

PDS360 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PDS360
Description  3A SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDS360 Datasheet(HTML) 1 Page - Diodes Incorporated

  PDS360 Datasheet HTML 1Page - Diodes Incorporated PDS360 Datasheet HTML 2Page - Diodes Incorporated PDS360 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
e3
DS30479 Rev. 7 - 2
1 of 3
PDS360
PowerDI is a trademark of Diodes Incorporated.
www.diodes.com
ã Diodes Incorporated
PDS360
3A SCHOTTKY BARRIER RECTIFIER
PowerDI ä5
Features
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Mechanical Data
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
60
V
RMS Reverse Voltage
VR(RMS)
42
V
Average Rectified Output Current
(See also Figure 4)
IO
3A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on rated load
IFSM
100
A
Operating Temperature Range
Tj
-65 to +150
°C
Storage Temperature Range
TSTG
-65 to +150
°C
E
E1
b1
A
A2
A2
D
b2
b1
e
L1
L1
E
b1
D
b2
b1
e
D2
L
E2
L1
LEFT PIN
RIGHT PIN
Note: Pins Left & Right must
be electrically connected
at the printed circuit board.
BOTTOMSIDE
HEAT SINK
W
Maximum Ratings
@ TA = 25
°C unless otherwise specified
PowerDIä5
Dim
Min
Max
A
1.05
1.15
A2
0.33
0.43
b1
0.80
0.99
b2
1.70
1.88
D
3.90
4.05
D2
3.05 NOM
E
6.40
6.60
e
1.84 NOM
E1
5.30
5.45
E2
3.55 NOM
L
0.75
0.95
L1
0.50
0.65
W
1.20
1.50
All Dimensions in mm
Thermal Characteristics
@ TA = 25
°C unless otherwise specified
Characteristic
Symbol
Typ
Max
Unit
Thermal Resistance Junction to Soldering Point
RqJS
¾
3.0
°C/W
Thermal Resistance Junction to Ambient Air (Note 2)
RqJA
95
¾°C/W
Thermal Resistance Junction to Ambient Air (Note 3)
RqJA
70
¾°C/W
Thermal Resistance Junction to Ambient Air (Note 4)
RqJA
50
¾°C/W
Notes:
1. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see
EU Directive Annex Notes 5 and 7.
2. FR-4 PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com/datasheets/ap02001.pdf.
3. Polymide PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com/datasheets/ap02001.pdf.
4. Polymide PCB, 2 oz. Copper. Cathode pad dimensions 9.4 mm x 7.4 mm. Anode pad dimensions 2.7 mm x 1.6 mm.
·
Case: PowerDIä5
·
Case Material: Molded Plastic, “Green” Molding
Compound. UL Flammability Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish – Matte Tin annealed over Copper
leadframe. Solderable per MIL-STD-202, Method 208
·
Polarity: See Diagram
·
Marking: See Page 3
·
Weight: 0.093 grams (approximate)
·
Guard Ring Die Construction for
Transient Protection
·
Low Power Loss, High Efficiency
·
Low Reverse Leakage Current
·
For Use in High Frequency Inverters, Free Wheeling, and
Polarity Protection Applications
·
High Forward Surge Current Capability
·
Lead Free Finish, RoHS Compliant (Note 1)
·
"Green" Molding Compound (No Br, Sb)
·
Qualified to AEC-Q101 Standards for High Reliability
SPICE MODEL: PDS360


Similar Part No. - PDS360

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDS360 DIODES-PDS360 Datasheet
97Kb / 5P
3A SCHOTTKY BARRIER RECTIFIER
DS30479 Rev. 10 - 2
logo
Linear Technology
PDS360 LINER-PDS360 Datasheet
293Kb / 24P
42V, 2.5A, 2MHz Step-Down Switching Regulator with 2.7關A Quiescent Current
logo
Diodes Incorporated
PDS360-13 DIODES-PDS360-13 Datasheet
97Kb / 5P
3A SCHOTTKY BARRIER RECTIFIER
DS30479 Rev. 10 - 2
PDS360Q DIODES-PDS360Q Datasheet
232Kb / 5P
3A SCHOTTKY BARRIER RECTIFIER
Rev. 1 - 2 February 2014
PDS360Q-13 DIODES-PDS360Q-13 Datasheet
232Kb / 5P
3A SCHOTTKY BARRIER RECTIFIER
Rev. 1 - 2 February 2014
More results

Similar Description - PDS360

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B3L30LP DIODES-B3L30LP Datasheet
84Kb / 3P
3A SCHOTTKY BARRIER RECTIFIER
DS30915 Rev. 2 - 2
PDS340 DIODES-PDS340_10 Datasheet
101Kb / 5P
3A SCHOTTKY BARRIER RECTIFIER
DS30478 Rev. 8 - 2
PDS360 DIODES-PDS360_10 Datasheet
97Kb / 5P
3A SCHOTTKY BARRIER RECTIFIER
DS30479 Rev. 10 - 2
B3L30LP DIODES-B3L30LP_09 Datasheet
92Kb / 3P
3A SCHOTTKY BARRIER RECTIFIER
DS30915 Rev. 7 - 2
logo
KODENSHI_AUK CORP.
SDB330 KODENSHI-SDB330 Datasheet
258Kb / 5P
30V, 3A SCHOTTKY BARRIER RECTIFIER
SDB320-1 KODENSHI-SDB320-1 Datasheet
234Kb / 5P
20V, 3A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
B3L30LP DIODES-B3L30LP_15 Datasheet
253Kb / 5P
3A SCHOTTKY BARRIER RECTIFIER
Rev 11
logo
Unisonic Technologies
SB3U40 UTC-SB3U40 Datasheet
119Kb / 3P
3A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
PDS340Q DIODES-PDS340Q Datasheet
405Kb / 5P
3A SCHOTTKY BARRIER RECTIFIER
Rev erse
PDS360Q DIODES-PDS360Q Datasheet
232Kb / 5P
3A SCHOTTKY BARRIER RECTIFIER
Rev. 1 - 2 February 2014
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com