Electronic Components Datasheet Search
  English  ▼

X  

PDS560 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PDS560
Description  5A SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDS560 Datasheet(HTML) 2 Page - Diodes Incorporated

  PDS560 Datasheet HTML 1Page - Diodes Incorporated PDS560 Datasheet HTML 2Page - Diodes Incorporated PDS560 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30480 Rev. 9 - 2
2 of 3
PDS560
PowerDI is a trademark of Diodes Incorporated.
www.diodes.com
0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 1 Typical Forward Characteristics
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
10
1
100m
1m
10m
100
T = 150°C
j
T = 25°C
j
T= 85°C
j
T = -65°C
j
T = 125°C
j
0
20
40
60
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig.2 Typical Reverse Characteristics
R
10
30
50
T = 150°C
j
T = -65°C
j
T= 25°C
j
T= 85°C
j
T = 125°C
j
1n
10n
100n
1m
10m
Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 5)
V(BR)R
60
¾¾
V
IR = 0.2mA
Forward Voltage
VF
¾
¾
¾
¾
0.61
0.54
0.71
¾
0.67
0.60
0.77
0.68
V
IF = 5A, TS = 25
°C
IF = 5A, TS = 125
°C
IF = 8A, TS = 25
°C
IF = 8A, TS = 125
°C
Reverse Leakage Current (Note 5)
IR
¾
¾
¾
4
¾
2
200
15
30
mA
mA
mA
TS = 25
°C, VR = 60V
TS = 100
°C, VR = 60V
TS = 125
°C, VR = 60V
Notes:
5. Short duration test pulse used to minimize self-heating effect.
0
1.5
3.0
4.5
7.5
6.0
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Fig. 4 DC Forward Current Derating
A
Note 2
Note 4
10
100
1,000
0
5
10
20
15
30
25
V , REVERSE VOLTAGE (V)
Fig.3 Typical Capacitance vs. Reverse Voltage
R
f=1MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com