Electronic Components Datasheet Search
  English  ▼

X  

GA18 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # GA18
Description  Thru-beam sensor with 2 m fixed cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

GA18 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  GA18 Datasheet HTML 1Page - Pepperl+Fuchs Inc. GA18 Datasheet HTML 2Page - Pepperl+Fuchs Inc. GA18 Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
1
Thru-beam sensor
GA18/GK18/25/115/161
Dimensions
Electrical connection
Indicators/operating means
ø 11.2
M18 x 1
15
3.5
7.0
Emitter
BN
BU
+UB
0 V
Receiver
BN
BU
BK
+UB
Q
0 V
= Light on
= Dark on
1 Operating display
green
2 Signal display
yellow
4 Emitter
5 Receiver
4
1
2
2
1
5
S
Model Number
GA18/GK18/25/115/161
Thru-beam sensor
with 2 m fixed cable
Features
• Efficient Line in a short M18 plastic
housing for standard applications
• Very high detection range
• 4 LEDs indicator for 360° visibility
• Version with front optical face
• Universal usage at different power
supplies
Product information
The GLV/GLK18 series sensors help improve
the efficiency of machines and systems. The
design of the M18 plastic housing, the con-
nection technology, and sensor properties
are highly standardized. Concentrating on the
key sensor requirements has produced a
robust and reliable product series for DC and
AC/DC voltage systems without any over-
engineering. The mounting set included in the
scope of delivery and the optimized potentio-
meter design ensure fast assembly and easy
configuration.


Similar Part No. - GA18

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GA18A MEANWELL-GA18A Datasheet
193Kb / 2P
15~18WAC-DC Single Output Desktop
GA18A MEANWELL-GA18A_12 Datasheet
193Kb / 2P
15~18WAC-DC Single Output Desktop
More results

Similar Description - GA18

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
OBE10M-18GM60-SE5 PF-OBE10M-18GM60-SE5 Datasheet
218Kb / 3P
Thru-beam sensor
OBE20M-R101-S2EP-IO-IR PF-OBE20M-R101-S2EP-IO-IR Datasheet
454Kb / 4P
Thru-beam sensor
OBE2000-R2-SE0 PF-OBE2000-R2-SE0 Datasheet
792Kb / 5P
Thru-beam sensor
OBE2000-R3-SE0 PF-OBE2000-R3-SE0 Datasheet
783Kb / 5P
Thru-beam sensor
OBE10M-18GM60-SE5-V1 PF-OBE10M-18GM60-SE5-V1 Datasheet
252Kb / 3P
Thru-beam sensor
OBE12M-R100-SEP-IO-V3 PF-OBE12M-R100-SEP-IO-V3 Datasheet
481Kb / 5P
Thru-beam sensor
OBE25M-R200-SEP-IO-V3 PF-OBE25M-R200-SEP-IO-V3 Datasheet
466Kb / 5P
Thru-beam sensor
OBE25M-R201-S2EP-IO-V31 PF-OBE25M-R201-S2EP-IO-V31 Datasheet
456Kb / 5P
Thru-beam sensor
OBE25M-R201-SEP-IO-V3 PF-OBE25M-R201-SEP-IO-V3 Datasheet
467Kb / 5P
Thru-beam sensor
OBE2000-R3-SE1-Y302635 PF-OBE2000-R3-SE1-Y302635 Datasheet
400Kb / 3P
Thru-beam sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com