Electronic Components Datasheet Search
  English  ▼

X  

GK115 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # GK115
Description  Thru-beam sensor with 2 m fixed cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

GK115 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  GK115 Datasheet HTML 1Page - Pepperl+Fuchs Inc. GK115 Datasheet HTML 2Page - Pepperl+Fuchs Inc. GK115 Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Thru-beam sensor
GA18/GK18/25/115/161
2
Technical data
System components
Emitter
GA18/115
Receiver
GK18/25/115/161
General specifications
Effective detection range
0 ... 20 m
Threshold detection range
25 m
Light source
LED
Light type
modulated visible red light , 640 nm
Diameter of the light spot
approx. 1000 mm at 25 m
Angle of divergence
approx. 3 °
Optical face
frontal
Ambient light limit
30000 Lux
Accessories provided
Mounting aids
Indicators/operating means
Operation indicator
LED green, statically lit Power on
Function indicator
Receiver: LED yellow, lights up when light beam is free, flashes
when falling short of the stability control ; OFF when light beam
is interrupted
Electrical specifications
Operating voltage
UB
20 ... 250 V AC/DC
No-load supply current
I0
< 2.5 mA per device
Output
Switching type
light on
Signal output
N-channel MOSFET, short circuit protected
Switching voltage
max. 250 V AC/DC
Switching current
max. 200 mA
Voltage drop
Ud
≤ 3.5 V AC/DC
Switching frequency
f
50 Hz
Response time
≤ 10 ms
Ambient conditions
Ambient temperature
-20 ... 60 °C (-4 ... 140 °F)
Storage temperature
-40 ... 70 °C (-40 ... 158 °F)
Mechanical specifications
Degree of protection
IP67
Connection
2 m fixed cable
Material
Housing
ABS / PBT
Optical face
PMMA
Mass
approx. 80 g per device
Compliance with standards and directi-
ves
Standard conformity
Product standard
EN 60947-5-2:2007 ; IEC 60947-5-2:2007
Standards
UL 508
Approvals and certificates
Protection class
II, rated insulation voltage ≤ 250 V AC with pollution degree 1-
2 according to IEC 60664-1
UL approval
cULus Listed, Type 1 enclosure
For overcurrent protection, install a fuse with a rated current of
max. 3 A 250 V AC/DC
CCC approval
Certified by China Compulsory Certification (CCC)
Curves/Diagrams
Offset Y [mm]
Distance X [m]
Characteristic response curve
350
300
250
200
150
100
50
0
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28
X
Other suitable accessories can be found at
www.pepperl-fuchs.com
Accessories
CPZ18B03
Mounting Bracket with swivel nut
BF 18
Mounting flange, 18 mm
BF 18-F
Mounting flange with dead stop, 18 mm
BF 5-30
Universal mounting bracket for cylindrical
sensors with a diameter of 5 ... 30 mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com